Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 93Page - Renesas Technology Corp 7470 Datasheet HTML 94Page - Renesas Technology Corp 7470 Datasheet HTML 95Page - Renesas Technology Corp 7470 Datasheet HTML 96Page - Renesas Technology Corp 7470 Datasheet HTML 97Page - Renesas Technology Corp 7470 Datasheet HTML 98Page - Renesas Technology Corp 7470 Datasheet HTML 99Page - Renesas Technology Corp 7470 Datasheet HTML 100Page - Renesas Technology Corp 7470 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 361 page
background image
HARDWARE
1-90
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
1.13A 7470/7471 group part
1.13A.1 Operation description
The 7470/7471 group incorporates a clock synchronous Serial I/O.
The 8 shift clocks obtained by the clock control circuit are used as synchronous clocks for transmitting
or receiving data. The transmit operation of the transmit side and the receive operation of the receive side
are simultaneously executed in synchronization with these shift clocks.
q The transmit side transmits data bit by bit from the P15/SOUT pin in synchronization with the fall of each
shift clock.
q The receive side receives data bit by bit from the P14/SIN pin in synchronization with the rise of each shift
clock.
Figure 1.13A.1 shows a Serial I/O block diagram.
Fig. 1.13A.1 Serial I/O block diagram
1/2
1/2
1/4
CM7
Counter
XCIN
XIN
1/2
1/4
1/64
SM1
SM0
SM2
Synchronous circuit
SM5
SARDY
SRDY
SM6
S
R
SIN
SOUT
SRDY
Q
∗
CLK input
CLK output
Serial I/O counter (3)
(Address 00DE16)
Serial I/O interrupt
request
(Address 00DE16)
Byte counter (4)
Data bus
(Address 00DD16)
Serial I/O register (8)
V: The 7470 group is not provided with the X
pin.
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com