Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 73Page - Renesas Technology Corp 7470 Datasheet HTML 74Page - Renesas Technology Corp 7470 Datasheet HTML 75Page - Renesas Technology Corp 7470 Datasheet HTML 76Page - Renesas Technology Corp 7470 Datasheet HTML 77Page - Renesas Technology Corp 7470 Datasheet HTML 78Page - Renesas Technology Corp 7470 Datasheet HTML 79Page - Renesas Technology Corp 7470 Datasheet HTML 80Page - Renesas Technology Corp 7470 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-70
HARDWARE
1.12 Timers
OF
OF
OF
T
RL
RL
RL
FF16
(n-1)16
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
to B
Timer 1 interrupt
enable bit
Count source
(CNTR0 pin)
Count period
Count period
T(s) = 1
÷ count source frequency ! (the timer initial value + 1)
Event counter mode operation example
• OF: Overflow
• RL: Reload
• n: Timer initial value
Timer 1 count stop bit
Down count
Timer 1 interrupt
request bit
“1” is written
“0” is written
Count stop
Count restart
A : • Clearing by writing “0” to the Timer 1 and CNTR interrupt request bits.
• Clearing by accepting the Timer 1 and CNTR interrupt requests when the timer 1 and
CNTR interrupt enable bits are “1.”
Time
CNTR interrupt
enable bit
CNTR interrupt
request bit
CNTR edge
selection bit
In this example, the CNTR interrupt request occurs at rising edge of the count source.
In this example, each CNTR interrupt request does not occur during executing the CNTR interrupt processing routine.
Fig. 1.12.4 Example of event counter mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com