Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 11Page - Renesas Technology Corp 7470 Datasheet HTML 12Page - Renesas Technology Corp 7470 Datasheet HTML 13Page - Renesas Technology Corp 7470 Datasheet HTML 14Page - Renesas Technology Corp 7470 Datasheet HTML 15Page - Renesas Technology Corp 7470 Datasheet HTML 16Page - Renesas Technology Corp 7470 Datasheet HTML 17Page - Renesas Technology Corp 7470 Datasheet HTML 18Page - Renesas Technology Corp 7470 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-8
Functions
71 (69 basic instructions of 740 family and 2 multiplication
and division instructions)
0.5
µs (the minimum instructions, at 8 MHz clock input
oscillation frequency)
8 MHz (max.)
4096 bytes
8192 bytes
16384 bytes
128 bytes
192 bytes
384 bytes
8-bit
8-bit
2-bit
4-bit
4-bit
8-bit ! 1 (operable in UART mode)
8-bit timer ! 4
1 (in common with 2 timer)
8-bit ! 1 (4 channels)
64 level max.
96 level max.
192 level max.
5 external interrupts, 7 internal interrupts, 1 software interrupt
Built-in circuit with internal feedback resistor (an external
ceramic resonator or a quartz-crystal oscillator)
2.7 V to 4.5 V
(at (2.2 VCC–2) MHz clock input oscillation frequency)
4.5 V to 5.5 V
(at 8 MHz clock input oscillation frequency)
35 mW typ.
(at 8 MHz clock input oscillation frequency)
5 V
–5 mA to +10 mA (P0, P1, P4: CMOS 3-state)
–20
°C to +85 °C (–40 °C to +85 °C for extended operating temperature version)
CMOS silicon gate
M37477M2
M37477M4
M37477M8/E8
M37477M2
M37477M4
M37477M8/E8
P0
P1
P4
P2
P3
Table 1.3.3 Performance overview of 7477 group
Number of basic instructions
Instruction execution time
Clock input oscillation frequency
Parameter
Input/
Output
port
Serial I/O
Timers
PWM
A-D converter
ROM
RAM
I/O
Input
Clock generating circuit
Power source voltage
Power dissipation
Input/Output withstand voltage
Output current
Interrupt
M37477M2
M37477M4
M37477M8/E8
Subroutine nesting
M37477Mx/E8-XXXSP
M37477Mx/E8TXXXSP
M37477Mx/E8-XXXFP
M37477Mx/E8TXXXFP
Input/Output
characteristics
Operating temperature
Device structure
Package
32-pin shrink plastic molded DIP
32-pin plastic molded SOP
Memory
size
HARDWARE
1.3 Performance overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com