Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8272EC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
52
Freescale Semiconductor
Pinout
PA27/FCC1_MII_RX_DV/FCC1_RMII_C
RS_DV
FCC1_UT_RXSOC
G243
PA28/FCC1_MII_RMII_TX_EN
FCC1_UT_RXENB
G233
PA29/FCC1_MII_TX_ER
FCC1_UT_TXSOC
B263
PA30/FCC1_MII_CRS/FCC1_RTS
FCC1_UT_TXCLAV
A253
PA31/FCC1_MII_COL
FCC1_UT_TXENB
G223
PB18/FCC2_MII_HDLC_RXD3
T253
PB19/FCC2_MII_HDLC_RXD2
P223
PB20/FCC2_MII_HDLC_RMII_RXD1
L253
PB21/FCC2_MII_HDLC_RMII_RXD0/FCC2_TRAN_RXD
J263
PB22/FCC2_MII_HDLC_TXD0/FCC2_TRAN_TXD/
FCC2_RMII_TXD0
U233
PB23/FCC2_MII_HDLC_TXD1/FCC2_RMII_TXD1
U263
PB24/FCC2_MII_HDLC_TXD2/L1RSYNCB2
M243
PB25/FCC2_MII_HDLC_TXD3/L1TSYNCB2
M233
PB26/FCC2_MII_CRS/L1RXDB2
H243
PB27/FCC2_MII_COL/L1TXDB2
E253
PB28/FCC2_MII_RMII_RX_ER/FCC2_RTS/TXD1
D263
PB29/FCC2_MII_RMII_TX_EN
K213
PB30/FCC2_MII_RX_DV/FCC2_RMII_CRS_DV
D243
PB31/FCC2_MII_TX_ER
E233
PC0/DREQ3/BRGO7/SMSYN1/L1CLKOA2
AF233
PC1/BRGO6/L1RQA2
AD233
PC4/SMRXD1/SI2_L1ST4/FCC2_CD
AB223
PC5/SMTXD1/SI2_L1ST3/FCC2_CTS
AE243
PC6/FCC1_CD/SI2_L1ST2
FCC1_UT_RXADDR2
AF243
PC7/FCC1_CTS
FCC1_UT_TXADDR2
AE263
PC8/CD4/RTS1/SI2_L1ST2/CTS3
AC243
PC9/CTS4/L1TSYNCA2
AA233
PC10/CD3/USB_RN
AB253
PC11/CTS3/USB_RP/L1TXD3A2
V223
PC12
FCC1_UT_RXADDR1
AA263
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com