Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8272EC Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
Freescale Semiconductor
57
Ordering Information
10 Ordering Information
Figure 15 provides an example of the Freescale part numbering nomenclature for the MPC8272. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact a local Freescale sales office.
Figure 15. Freescale Part Number Key
11 Document Revision History
Table 22 lists significant changes between revisions of this hardware specification.
Table 22. Document Revision History
Revision
Date
Substantive Changes
2
12/2008
• Modified Figure 5, “SCC/SMC/SPI/I2C External Clock Diagram,” and added second section of
figure notes.
•In Table 11, modified “Data bus in pipeline mode” row and showed 66 MHz as “N/A.”
•In Section 10, “Ordering Information,” added “F = 133” to CPU/CPM/Bus Frequency.
• Added footnote concerning CPM_CLK/PCI_CLK ratio to column “PCI Division Factor” in
Table 16, “Clock Configurations for PCI Host Mode (PCI_MODCK=0),” and Table 17, “Clock
Configurations for PCI Host Mode (PCI_MODCK=1),.”
• Removed overbar from DLL_ENABLE in Table 20, “Pinout.”
1.5
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC
timing descriptions.
1.4
05/2006
• Added row for 133 MHz configurations to Table 7.
1.3
02/2006
• Inserted Section 6.3, “JTAG Timings.”
1.2
09/2005
• Added 133-MHz to the list of frequencies in the opening sentence of Section 6, “AC Electrical
Characteristics”.
• Added 133 MHz columns to Table 9, Table 10, Table 11, and Table 12.
• Added footnote 2 to Table 12.
• Added the conditions note directly above Table 11.
Product Code
Device Number
Package
Die Revision Level
MPC 82XX C VR XXX X
Temperature Range
Blank = 0 to 105 °C
C = –40 to 105 °C
ZQ = 516 PBGA (lead spheres)
VR = 516 PBGA (no lead spheres)
B = 66
E = 100
F = 133
I = 200
M = 266
P = 300
T = 400
CPU/CPM/Bus Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com