Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8272EC Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
58
Freescale Semiconductor
Document Revision History
1.1
01/2005
• Modification for correct display of assertion level (“overbar”) for some signals
1.0
12/2004
• Section 1.1: Added 8:1 ratio to Internal CPM/bus clock multiplier values
• Section 2: removed voltage tracking note
• Table 3: Note 2 updated regarding VDD/VCCSYN relationship to VDDH during power-on reset
• Table 4: Updated VDD and VCCSYN to 1.425 V - 1.575 V
• Table 5: Note 2 updated to reflect VIH=2.5 for TCK, TRST, PORESET; request for external
pullup removed.
• Section 4.6: Updated description of layout practices
• Table 5: Note 3 added regarding IIC compatibility
• Table 7: Updated nominal and maximum power dissipation values
• Table 8: updated PCI impedance to 27
Ω, updated 60x and MEMC values and added note to
reflect configurable impedance
• Section 6: Added sentence providing derating factor
• Section 6.1: added Note: Rise/Fall Time on CPM Input Pins
• Table 9: updated values for following specs: sp36b, sp37a, sp38a, sp39a, sp38b, sp40, sp41,
sp42, sp43, sp42a
• Table 10: updated values for following specs: sp16a, sp16b, sp18a, sp18b, sp20, sp21, sp22
• Section 6.2: added spread sprectrum clocking note
• Section 6.2: added CLKIN jitter note
• Table 11: combined specs sp11 and sp11a
• Table 12: sp30 Data Bus minimum delay values changed to 0.8
• Section 7: unit of ns added to Tval notes
• Section 7: Updated all notes to reflect updated CPU Fmin of 150 MHz commercial temp
devices, 175 MHz extended temp; CPM Fmin of 120 MHz.
• Section 7, “Clock Configuration Modes”: Updated all table footnotes reflect updated CPU Fmin
of 150 MHz commercial temp devices, 175 MHz extended temp; CPM Fmin of 120 MHz.
• Table 20: correct superscript of footnote number after pin AD22
• Table 20: remove DONE3 from PC12
• Table 20: signals referring to TDMs C2 and D2 removed
Table 22. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com