Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8272EC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8272EC
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272EC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8272EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8272EC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 2
12
Freescale Semiconductor
Thermal Characteristics
4
Thermal Characteristics
Table 6 describes thermal characteristics. Refer to Table 2 for information on a given device’s package.
Discussions of each characteristic are provided in sections 4.1 through 4.7. For the these discussions,
PD =(VDD × IDD) + PI/O, where PI/O is the power dissipation of the I/O drivers.
4.1
Estimation with Junction-to-Ambient Thermal Resistance
An estimation of the chip junction temperature, TJ, in C can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature (ºC)
RθJA = package junction-to-ambient thermal resistance (ºC/W)
PD = power dissipation in package
The junction-to-ambient thermal resistance is an industry standard value which provides a quick and easy
estimation of thermal performance. However, the answer is only an estimate; test cases have demonstrated
that errors of a factor of two (in the quantity TJ – TA) are possible.
4.2
Estimation with Junction-to-Case Thermal Resistance
Historically, the thermal resistance has frequently been expressed as the sum of a junction-to-case thermal
resistance and a case-to-ambient thermal resistance:
5
MPC8272 and MPC8271 only.
Table 6. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Air Flow
Junction-to-ambient—
single-layer board 1
1
Assumes no thermal vias
RθJA
27
°C/W
Natural convection
21
1 m/s
Junction-to-ambient—
four-layer board
RθJA
19
°C/W
Natural convection
16
1 m/s
Junction-to-board 2
2
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
RθJB
11
°C/W
—
Junction-to-case 3
3
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
RθJC
8
°C/W
—
Junction-to-package top 4
4
Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
RθJT
2
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com