Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8610EC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
38
2.8.2
DIU AC Timing Specifications
Figure 12 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and the data. All
parameters shown in the diagram are programmable. This timing diagram corresponds to positive polarity of the
DIU_CLK_OUT signal and active-high polarity of the DIU_HSYNC, DIU_VSYNC, and DIU_DE signals. By default, all
control signals and the display data are generated at the rising edge of the internal pixel clock, and the DIU_CLK_OUT output
to drive the panel has the same polarity with the internal pixel clock. User can select the polarity of the DIU_HSYNC and
DIU_VSYNC signal (via the SYN_POL register), whether active-high or active-low, the default is active-high. The DIU_DE
signal is always active-high.
Figure 12. TFT DIU/LCD Interface Timing Diagram—Horizontal Sync Pulse
Low-level output voltage (OVDD = min, IOL = 100 μA)
VOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2 and Table 3.
Table 27. DIU DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit
1
23
DELTA_X
tPWH
tBPH
tSW
tFPH
DIU_CLK_OUT
DIU_LD
DIU_HSYNC
DIU_DE
tPCP
1
Invalid Data
Invalid Data
Start of Line
tHSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com