Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8610EC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
46
Figure 18 provides the SSI receiver timing with internal clock.
Figure 18. SSI Receiver with Internal Clock Timing Diagram
2.12.2.3
SSI Transmitter Timing with External Clock
Table 37 provides the transmitter timing parameters with external clock.
(Tx/Rx) CK clock high period
SS2
36.0
—
ns
(Tx/Rx) CK clock rise time
SS3
—
6
ns
(Tx/Rx) CK clock low period
SS4
36.0
—
ns
(Tx/Rx) CK clock fall time
SS5
—
6
ns
(Rx) CK high to FS high
SS11
—
15.0
ns
(Rx) CK high to FS low
SS13
—
15.0
ns
SRXD setup time before (Rx) CK low
SS20
10.0
—
ns
SRXD hold time after (Rx) CK low
SS21
0
—
ns
Table 37. SSI Transmitter with External Clock Timing Parameters
Parameter
Symbol
Min
Max
Unit
External Clock Operation
(Tx/Rx) CK clock period
SS22
81.4
—
ns
(Tx/Rx) CK clock high period
SS23
36.0
—
ns
(Tx/Rx) CK clock rise time
SS24
—
6.0
ns
(Tx/Rx) CK clock low period
SS25
36.0
—
ns
(Tx/Rx) CK clock fall time
SS26
—
6.0
ns
(Tx) CK high to FS high
SS31
–10.0
15.0
ns
(Tx) CK high to FS low
SS33
10.0
—
ns
Table 36. SSI Receiver with Internal Clock Timing Parameters (continued)
Parameter
Symbol
Min
Max
Unit
SSIn_TCK
SSIn_RFS
SSIn_RXD
SS1
SS4
SS2
SS20
SS21
SS11
SS13
(Output)
(Output)
(Input)
SS3
SS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com