Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8610EC Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
47
Figure 19 provides the SSI transmitter timing with external clock.
Figure 19. SSI Transmitter with External Clock Timing Diagram
2.12.2.4
SSI Receiver Timing with External Clock
Table 38 provides the receiver timing parameters with external clock.
(Tx) CK high to STXD valid from high impedance
SS37
—
15.0
ns
(Tx) CK high to STXD high/low
SS38
—
15.0
ns
(Tx) CK high to STXD high impedance
SS39
—
15.0
ns
Synchronous External Clock Operation
SRXD setup before (Tx) CK falling
SS44
10.0
—
ns
SRXD hold after (Tx) CK falling
SS45
2.0
—
ns
SRXD rise/fall time
SS46
—
6.0
ns
Table 38. SSI Receiver with External Clock Timing Parameters
Parameter
Symbol
Min
Max
Unit
External Clock Operation
(Tx/Rx) CK clock period
SS22
81.4
—
ns
(Tx/Rx) CK clock high period
SS23
36.0
—
ns
(Tx/Rx) CK clock rise time
SS24
—
6.0
ns
(Tx/Rx) CK clock low period
SS25
36.0
—
ns
Table 37. SSI Transmitter with External Clock Timing Parameters (continued)
Parameter
Symbol
Min
Max
Unit
SS45
SS33
SS24
SS26
SS25
SS23
SSIn_TCK
SSIn_TFS
SSIn_TXD
SSIn_RXD
Note: SRXD input in synchronous mode only
SS31
SS22
SS44
SS39
SS38
SS37
SS46
(Input)
(Input)
(Output)
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com