Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPLD Datasheet(PDF) 8 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPLD Datasheet HTML 4Page - Altera Corporation EPLD Datasheet HTML 5Page - Altera Corporation EPLD Datasheet HTML 6Page - Altera Corporation EPLD Datasheet HTML 7Page - Altera Corporation EPLD Datasheet HTML 8Page - Altera Corporation EPLD Datasheet HTML 9Page - Altera Corporation EPLD Datasheet HTML 10Page - Altera Corporation EPLD Datasheet HTML 11Page - Altera Corporation EPLD Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
752
Altera Corporation
Classic EPLD Family Data Sheet
Figure 5. Classic Switching Waveforms
I/O Pin
Input Pin
Logic Array Input
Logic Array Output
Output Pin
tIN
tLAD
tCLR
tOD
tIO
Input Mode
tPD1 = tIN + tLAD + tOD
tPD2 = tIO + tIN + tLAD + tOD
tFD
tASU
Clock Pin
Clock into Logic Array
Clock from Logic Array
Data from Logic Array
Register Output to Logic Array
tR
tACH
tIN
t
F
tIC
tACL
tAH
Array Clock Mode
Global Clock Pin
Global Clock at Register
Data from Logic Array
tR
tIN
tICS
tSU
tH
tF
tCH
tCL
Global Clock Mode
tOD
Clock from Logic Array
Data from Logic Array
Output Pin
High-Impedance
Tri-State
tZX
tXZ
Output Mode
tR and tF < 3 ns.
Inputs are driven at 3 V
for a logic high and
0 V for a logic low.
All timing characteristics
are measured at 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com