Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPLD Datasheet(PDF) 1 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 1 Page - Altera Corporation

  EPLD Datasheet HTML 1Page - Altera Corporation EPLD Datasheet HTML 2Page - Altera Corporation EPLD Datasheet HTML 3Page - Altera Corporation EPLD Datasheet HTML 4Page - Altera Corporation EPLD Datasheet HTML 5Page - Altera Corporation EPLD Datasheet HTML 6Page - Altera Corporation EPLD Datasheet HTML 7Page - Altera Corporation EPLD Datasheet HTML 8Page - Altera Corporation EPLD Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
®
Altera Corporation
745
Classic
EPLD Family
May 1999, ver. 5
Data Sheet
A-DS-CLASSIC-05
Features
s
Complete device family with logic densities of 300 to 900 usable gates
(see Table 1)
s
Device erasure and reprogramming with non-volatile EPROM
configuration elements
s
Fast pin-to-pin logic delays as low as 10 ns and counter frequencies
as high as 100 MHz
s
24 to 68 pins available in dual in-line package (DIP), plastic J-lead
chip carrier (PLCC), pin-grid array (PGA), and small-outline
integrated circuit (SOIC) packages
s
Programmable security bit for protection of proprietary designs
s
100% generically tested to provide 100% programming yield
s
Programmable registers providing D, T, JK, and SR flipflops with
individual clear and clock controls
s
Software design support featuring the Altera® MAX+PLUS® II
development system on Windows-based PCs, as well as
Sun SPARCstation, HP 9000 Series 700/800, IBM RISC System/6000
workstations, and third-party development systems
s
Programming support with Altera’s Master Programming Unit
(MPU); programming hardware from Data I/O, BP Microsystems,
and other third-party programming vendors
s
Additional design entry and simulation support provided by EDIF,
library of parameterized modules (LPM), Verilog HDL, VHDL, and
other interfaces to popular EDA tools from manufacturers such as
Cadence, Exemplar Logic, Mentor Graphics, OrCAD, Synopsys,
Synplicity, and VeriBest
Table 1. Classic Device Features
Feature
EP610
EP610I
EP910
EP910I
EP1810
Usable gates
300
450
900
Macrocells
16
24
48
Maximum user I/O pins
22
38
64
tPD (ns)
10
12
20
fCNT (MHz)
100
76.9
50


Similar Part No. - EPLD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
EPL.00.250.DTN LEMO-EPL.00.250.DTN Datasheet
76Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NLN LEMO-EPL.00.250.NLN Datasheet
76Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTD LEMO-EPL.00.250.NTD Datasheet
73Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTN LEMO-EPL.00.250.NTN Datasheet
74Kb / 3P
00 - NIM-CAMAC
EPL.00.250.NTZ LEMO-EPL.00.250.NTZ Datasheet
76Kb / 3P
00 - NIM-CAMAC
More results

Similar Description - EPLD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
The U74LVC1G66 is a high-speed CMOS device.
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com