Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5429-PLSW Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 82Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 83Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 84Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 85Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 86Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
86
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
9.9
Current in IDLE mode
on pin VS1 and VS2
VVS1 = VVS2 ≤ 3V
IVSOUT = 0
CLK enabled
V
VSOUT enabled
CLK disabled
V
VSOUT enabled
VVSOUT disabled
17, 18
IIDLE_VS1, 2
312
260
225
430
370
320
µA
µA
µA
A
B
B
9.10
Supply current
IDLE mode
17, 18,
22, 27
IS_IDLE
IS_IDLE = IIDLE_VS1, 2 + IVSINT + IEXT
9.11
Current in RX mode on
pin VS1and VS2
VVS1 = VVS2 ≤ 3V
I
VSOUT = 0
17, 18
I
RX_VS1, 2
10.5
14
mA
A
9.12
Supply current
RX mode
CLK enabled
VVSOUT enabled
17, 18,
22, 27
I
S_RX
I
S_RX = IRX_VS1, 2 + IVSINT + IEXT
9.13
Current during
T
Startup_PLL on pin VS1
and VS2
VVS1 = VVS2 ≤ 3V
I
VSOUT = 0
17, 18
I
Startup_PLL_VS1, 2
8.8
11.5
mA
C
9.14
Current in
RX polling mode on pin
VS1 and VS2
9.15
Supply current
RX polling mode
CLK enabled
VVSOUT enabled
CLK disabled
VVSOUT enabled
VVSOUT disabled
17, 18,
22, 27
IS_Poll
IS_Poll = IP + IVSINT + IEXT
IS_Poll = IP + IEXT
IS_Poll = IP
9.16
Current in TX mode on
pin VS1 and VS2
V
VS1 = VVS2 ≤ 3V
IVSOUT = 0
Pout = 5 dBm/10 dBm
315 MHz/5 dBm
315 MHz/10 dBm
345 MHz/5 dBm
345 MHz/10 dBm
433.92 MHz/5 dBm
433.92 MHz/10 dBm
868.3 MHz/5 dBm
868.3 MHz/10 dBm
915 MHz/5 dBm
915 MHz/10 dBm
17, 18
ITX_VS1_VS2
10.3
15.7
10.4
15.8
10.5
15.8
11.2
17.3
11.8
19.3
13.4
20.5
13.5
20.6
13.5
20.5
14.5
22.5
15.3
25.1
mA
B
9.17
Supply current
TX mode
CLK enabled
V
VSOUT enabled
CLK disabled
V
VSOUT enabled
17, 18,
22, 27
IS_TX
I
S_TX = ITX_VS1, 2 + IVSINT + IEXT
I
S_TX = ITX_VS1, 2 + IEXT
13. Electrical Characteristics: 1 Li Battery Application (3V) (Continued)
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V. Application according to Figure 2-1 on page 7.
fRF = 315 MHz/345 MHz/433.92 MHz/868.3 MHz/915 MHz unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. The voltage of VAUX may rise up to 2V. The current I
VAUX may not exceed 100 µA.
I
P
I
IDLE_VS1,2
T
SLEEP
I
Startup_PLL_VS1,2
T
Startup_PLL
I
RX_VS1,2
T
Startup_Sig_Proc
T
Bitcheck
+
()
×
+
×
+
×
T
Sleep
T
Startup_PLL
T
Startup_Sig_Proc
T
Bitcheck
++
+
-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com