Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5429-PLSW Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
61
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 9-10. Bit Error (TMODE = 0)
9.1.8
Recommended Lim_min and Lim_max for Maximum Sensitivity
The sensitivity measurements in the section “Low-IF Receiver” in Table 3-3 on page 12 and
Table 3-4 on page 12 have been done with the Lim_min and Lim_max values according to Table
9-3. These values are optimized for maximum sensitivity. Note that since these limits are opti-
mized for sensitivity, the number of checked bits, N
Bit-check, has to be at least 6 to prevent the
circuit from waking up to often in polling mode due to noise.
Demod_Out
Bit check ok
Byte n-1
Byte 1
Byte n+1
Preburst
Byte n
Start-up mode Bit-check mode
Receiving mode
Receiving mode
Bit error
Table 9-2.
RX Modulation Scheme
Mode
ASK/_NFSK
T_MODE
RF
IN
Bit in TX/RX Data
Buffer
Level on Pin
SD0_TMDO
RX
0
0f
FSK_L → fFSK_H
1X
0f
FSK_H → fFSK_L
0X
1f
FSK_H
–
1
1f
FSK_L
–
0
1
0f
ASK off → fASK on
1
X
0f
ASK on → fASK off
0
X
1f
ASK on
–
1
1f
ASK off
–
0
Table 9-3.
Recommended Lim_min and Lim_max Values for Different Bit Rates
f
RF (fXTAL)/
MHz
1.0 Kbit/s
BR_Range_0
XLim = 1
2.4 Kbit/s
BR_Range_0
XLim = 0
5 Kbit/s
BR_Range_1
XLim = 0
10 Kbit/s
BR_Range_2
XLim = 0
20 Kbit/s
BR_Range_3
XLim = 0
315
(12.73193)
Lim_min = 13 (261 µs)
Lim_max = 38 (744 µs)
Lim_min = 12 (121 µs)
Lim_max = 34 (332 µs)
Lim_min = 11 (55 µs)
Lim_max = 32 (156 µs)
Lim_min = 11 (28 µs)
Lim_max = 32 (78 µs)
Lim_min = 11 (14 µs)
Lim_max = 31 (38 µs)
345
(13.94447)
Lim_min = 13 (239 µs)
Lim_max = 38 (679 µs)
Lim_min = 12 (110 µs)
Lim_max = 34 (303 µs)
Lim_min = 11 (50 µs)
Lim_max = 32 (142 µs)
Lim_min = 11 (25 µs)
Lim_max = 32 (71 µs)
Lim_min = 11 (13 µs)
Lim_max = 31 (34 µs)
433.92
(13.25311)
Lim_min = 13 (251 µs)
Lim_max = 38 (715 µs)
Lim_min = 12 (116 µs)
Lim_max = 34 (319 µs)
Lim_min = 11 (53 µs)
Lim_max = 32 (150 µs)
Lim_min = 11 (27 µs)
Lim_max = 32 (75 µs)
Lim_min = 11 (13 µs)
Lim_max = 32 (37 µs)
868.3
(13.41191)
Lim_min = 13 (248 µs)
Lim_max = 38 (706 µs)
Lim_min = 12 (115 µs)
Lim_max = 34 (315 µs)
Lim_min = 11 (52 µs)
Lim_max = 32 (148 µs)
Lim_min = 11 (26 µs)
Lim_max = 32 (74 µs)
Lim_min = 11 (13 µs)
Lim_max = 32 (37 µs)
915
(14.13324)
Lim_min = 13 (235 µs)
Lim_max = 38 (670 µs)
Lim_min = 12 (109 µs)
Lim_max = 34 (299 µs)
Lim_min = 11 (50 µs)
Lim_max = 32 (140 µs)
Lim_min = 11 (25 µs)
Lim_max = 32 (70 µs)
Lim_min = 11 (12 µs)
Lim_max = 32 (35 µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com