Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6842-PLSW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
4964B–AUTO–07/07
ATA6842
1.23
Saturation voltage
low
I() = 1.6 mA, outputs low
C1O, C2O, VRE,
DO, RESAN,
RESN, UVW
Vs()lo
0.4
V
A
1.24
Saturation voltage
high
Vs() = V5 – V(),
I() = –0.1 mA, outputs high
C1O, C2O, DO,
RESN, UVW
Vs()hi
0.5
V
A
1.25
Saturation voltage
high
Vs() = V5A – V(),
I() = –0.1 mA, RESAN high
RESAN
Vs()hi
0.5
V
A
1.26
Saturation voltage
high
Vs() = V5 – V(),
I() = –1.6 mA, outputs high
C1O, C2O, DO,
RESN, UVW
Vs()hi
1
V
A
1.27
Saturation voltage
high
Vs() = V5A – V(),
I() = –1.6 mA, RESAN high
RESAN
Vs()hi
1
V
A
1.28 Rise time
Cload = 10 pF,
V() from low = 10% ->
high = 90% V5
C1O, C2O, DO,
RESN, UVW
tr()
200
ns
B
1.29 Rise time
C
load = 10 pF,
V() from low = 10% ->
high = 90% V5A
RESAN
tr()
200
ns
B
1.30 Fall time
C
load = 10 pF,
V() from high = 90% ->
low = 10% V5
C1O, C2O, DO,
RESN, UVW
tf()
200
ns
B
1.31 Fall time
Cload = 10 pF,
V() from high = 90% ->
low = 10% V5A
RESAN
tf()
200
ns
B
1.32 Leakage current
DO = off, V() = 0V to V5
DO
I()lk
–10
+10
µA
A
1.33
Short circuit current
low
V() = V5, pins = low
C1O, C2O, DO,
RESN, UVW
Isc()lo
8
40
mA
A
1.34
Short circuit current
low
V() = V5A, RESAN = low
RESAN
Isc()lo
8
40
mA
A
1.35
Short circuit current
high
V() = 0V, pins = high
C1O, C2O, VRE,
DO, RESAN,
RESN, UVW
Isc()hi
–30
–8
mA
A
1.36
Saturation voltage
high
Vs() = VI – V(),
I() = –0.1 mA, VRE high
VRE
Vs()hi
0.5
V
A
1.37
Saturation voltage
high
Vs() = VI – V(),
I() = –1.6 mA, VRE high
VRE
Vs()hi
1
V
A
1.38
Short circuit current
low
V() = VI, VRE = low
VRE
Isc()lo
8
40
mA
A
1.39 Rise time
Cload = 10 pF,
V() from low = 10% ->
high = 90% VI
VRE
tr()
200
ns
B
1.40 Fall time
Cload = 10 pF,
V() from high = 90% ->
low = 10% VI
VRE
tf()
200
ns
B
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- R
DSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com