Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6842-PLSW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
4964B–AUTO–07/07
ATA6842
6
Linear Regulator
6.1 Output voltage
I(V5) = –150 mA to 0 mA,
ß(NPN) > 120 mA,
Uce,sat(NPN) < 0.8V,
fT > 100 MHz
U
be(NPN) < 0.8V at –40°C,
U
be(NPN) < 0.7V at 27°C,
Ube(NPN) < 0.6V at 105°C
V5
V5
4.85
5
5.15
V
A
6.2 Line regulation
V12 = 8V to 18V,
I(V5) = –150 mA
V5
V5
lir
–10
+10
mV
A
6.3 Load regulation
V12 = 14V,
I(V5) = –50 mA to –150 mA
V5
V5lor
–20
+20
mV
A
6.4 Allowed capacitor
V5
CV5
7
22
µF
C
6.5 Allowed capacitor
V5
ESR,CV5
0.5
10
Ω
C
6.6
Lower threshold
undervoltage
RESN = low
V5
VtU(V5)low
4.5
V
A
6.7
Upper threshold
undervoltage
RESN = high
V5
VtU(V5)hig
h
4.8
V
A
6.8
Lower threshold
overvoltage
RESN = high
V5
VtO(V5)low
5.2
V
A
6.9
Upper threshold
overvoltage
RESN = low
V5
VtO(V5)hig
h
5.5
V
A
6.10
Hysteresis
Under/overvoltage
V5
Vt(V5)hys
50
200
mV
A
6.11
Under/overvoltage
filter time
V5
tfi(V5)
8
30
µs
A
6.12 Short circuit current
V(B5) = 0V
B5
Isc(B5)
1.5
8
mA
A
6.13 Pull-down resistor
V(B5) = 1V
B5
Rpd(B5)
50
250
k
Ω
A
6.14 Pull-down current
V(B5) = 6V
B5
Ipd(B5)
10
50
µA
A
6.15
Saturation voltage
high
Vs(B5) = V12 – V(B5),
V12 = 5.8V to 6.5V,
I(B5) = –1.25 mA
Tj = –40°C
Tj = 27°C
T
j = 105°C
B5
Vs(B5)high
0.15
0.25
0.35
V
V
V
A
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- RDSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com