Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6842-PLSW Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
4964B–AUTO–07/07
ATA6842
16
Watchdog Oscillator RCOS
16.1 Oscillator frequency
ROS = 100 k
Ω ±1%,
COS = 1 nF ±5%
RCOS
f
OSC
910
11
kHz
A
16.2
Permissible
frequency range
No reset,
f – 1/(2
× ROS × COS)
RCOS
fOSC
0.9
55
kHz
A
16.3 Permissible resistor
COS = 1 nF
RCOS
ROS
20
100
k
Ω
A
16.4 Permissible capacitor ROS = 100 k
Ω
RCOS
COS
1
10
nF
A
16.5
Short-circuit current
low
V(RCOS) = VI
RCOS
Isc()lo
1
4
mA
A
16.6 Leakage current
V(RCOS) = 0% to 63.2% VI
RCOS
Ilk()
–5
+5
µA
A
17
Main Oscillator
17.1
Main oscillator
frequency
RREF = 10 k
Ω ±2%
f
mosC
82.5
100
120
kHz
A
18
Comparator Cxl, x = 1, 2
18.1
Threshold voltage
detection
CxI
Vth(CxI)
1.1
1.23
1.4
V
A
18.2 Leakage current
V(CxI) = 0V to V5
CxI
Ilk(CxI)
–10
+10
µA
A
18.3 Propagation delay
dv/dt > 1V/µs
CxI
tpd(Cx)
20
µs
B
19
TCFET
19.1 Output voltage
Vo(TCFET) = V(TCFET) – V12,
V12 > 6.5V,
I(TCFET) = –20 µA to 0 µA
TCFET
Vo()
4.5
10
V
A
19.2
Short-circuit current
high
V(BSC) = 0V to V12 – 3V
BSC
Isc(BSC)hi
1
25
mA
A
19.3
Saturation voltage
high
Vd() = V(BSC) – V(TCFET),
TCFET = high,
I(TCFET) = –20 µA
BSC
Vs()hi
1.5
V
A
19.4
Saturation voltage
low
TCFET = low,
I(TCFET) = 50 µA
TCFET
Vs()lo
200
mV
A
19.5
Short-circuit current
high
V(TCFET) = 0V,
TCFET = high
TCFET
Isc()hi
–250
–50
–25
µA
A
19.6
Short-circuit current
low
V(TCFET) = 2V to V12,
TCFET = low
TCFET
Isc()lo
100
150
200
µA
A
19.7 Leakage current
V(BSC) = V12 to 36V,
TCFET = low
BSC
Ilk()
–10
+10
µA
A
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- R
DSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com