Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6842-PLSW Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
4964B–AUTO–07/07
ATA6842
7.6
5V Linear Regulators
The ATA6842 offers two independent 5V supplies. The main supply (V5) is available only in
active mode while the auxiliary 5V supply (V5A) is active all the time. The ATA6842 activates the
basis of external bipolar transistors via pins B5 and B5A. The currents of the regulators V5
(150 mA) and V5A (30 mA), defined in the datasheet, can only be achieved if the external tran-
sistors fulfil certain requirements in terms of current amplification and transit frequency.
Especially for V12 = 5.8V a low saturation voltage of B5 and B5A in combination with the forward
diode voltage and a low saturation voltage (Uce,sat) of the external bipolar transistors is
required. For fast load changes at V5 a high transit frequency is necessary (typically
f
T > 100 MHz).
For voltage monitoring and as references for the voltage regulators two independent bandgaps
are used. The voltage monitoring functions of V5 and V5A generate a reset pulse at RESN and
RESAN if the limits are exceeded (see Table 7-9 on page 25). For internal voltage supply, an
additional linear regulator (VI) is implemented.
7.7
Current Measurement
The ATA6842 contains two differential amplifiers for current measurement. The input signal of
each amplifier is a voltage drop over an external current sense resistor. The amplification,
defined by the ratio of external resistors, provides a reasonable signal for the following A/D con-
verter. The output is limited to V5.
7.8
Relay Driver
The ATA6842 features four current-limited relay drivers for motor direction control relays. The
relays are controlled by an SPI command and the input of the enable relay driver (ERD). Error
conditions disable the relays permanently (see Table 7-9 on page 25).
Note:
The simultaneous activation of the relay drivers RD1 and RD4 or RD2 and RD3 is not possible
(see Table 7-2 and Table 7-3). This feature ensures that if ATA6842 is used in DC motor applica-
tion, the motors can only operate in the same direction.
Table 7-2.
Relay Status Table
TRD1 (SPI)
TRD2 (SPI)
ERD
RD1
RD2
Low
Low
x
Open drain
Open drain
Low
High
High
Open drain
Low
High
Low
High
Low
Open drain
High
High
High
Open drain
Open drain
x
x
Low
Open drain
Open drain
Table 7-3.
Relay Status Table
TRD3 (SPI)
TRD4 (SPI)
ERD
RD3
RD4
Low
Low
x
Open drain
Open drain
Low
High
High
Open drain
Low
High
Low
High
Low
Open drain
High
High
High
Open drain
Open drain
x
x
Low
Open drain
Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com