| Electronic Components Datasheet Search |
|
ATA6842-PLSW Datasheet(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATA6842-PLSW Datasheet(HTML) 25 Page - ATMEL Corporation |
|
25 / 29 page ![]() 25 4964B–AUTO–07/07 ATA6842 7.13 External Voltage Regulator VRE The ATA6842 can control an external voltage regulator with enable input. The VRE output pro- vides the same logic as for the V5 regulator (see Table 7-9). For V5 voltage monitoring, the external generated voltage must be connected to V5. Table 7-9. Logic Table Event VI V5 VRE V5A SPI Info WLN RD1 to RD4 RESN RESAN V12S OUTx x=N,P TCFET Standby Off Off On – Off Off – No reset Off Off Off V12 undervoltage On Off Off No Off Off Reset Reset Off Off Off VI undervoltage On Off On No Off Off Reset No reset Off Off Off VI overvoltage On Off On No On Off Reset No reset Off Off Off Oscillator/bias failure On Off Off No On Off Reset Reset Off Off Off V12 overvoltage On Off Off No On Off Reset Reset Off Off Off Upper thermal threshold On On On Yes On(4) Off Reset Reset Off(5) Off Off Reset by RSTN On On On No On Off No reset No reset Off Off Off V5 out of range On On On No On Off Reset No reset Off Off Off V5A out of range On On On No On Off No reset Reset Off Off Off Short circuit WLN (overcurrent) On On On Yes Off(1) On/Off No reset No reset On/Off On/Off On/Off Short circuit OUTx (overcurrent) On On On Yes Off On/Off No reset No reset On/Off On/Off(1) On/Off Watchdog error On On On Yes On Off No reset No reset On/Off Off Off Off mode – – – – – Perm(3) –– Temp(2) Temp Perm Note: 1. Corresponding driver is switched off if thermal threshold number 1 is reached 2. Temp = temporary state, recovery when event condition is removed, except VI out of over-/undervoltage, thermal threshold number 2 reached or reset by RSTN 3. Perm = permanent state, no recovery when event condition is removed, must be re-engaged by SPI command 4. If no overcurrent in WLN 5. Not testable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |