Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6842-PLSW Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6842-PLSW Datasheet HTML 1Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
• Driver Stages
– Four DMOS 150 mA Low-side Relay Drivers with Current Limitation
– One Gate Driver for External N-channel FET with Charge Pump and Bootstrap
– Two Universal Outputs (10 mA High Side and 60 mA Low Side)
– One 20 mA Warning Lamp Driver
• Power Supplies
– 5V/150 mA Linear Regulator
– 5V/30 mA Linear Regulator (also Active in Standby Mode)
– Internal Power Supply
– Switchable System Supply Voltage Output
• Monitoring and Protection
– 12V Monitoring
– Watchdog with Reset
– Two Comparators for Current Measurement
– Adjustable Undervoltage Warning Level
– Overtemperature Protection with Hysteresis
– Two 5V Comparators
– Wide Supply Voltage Range from 5.8V up to 26V
– 8-bit SPI Interface
– Low Current Consumption in Standby Mode 80 µA
– TTL and CMOS Compatible Inputs
– 2 kV ESD Protection
– Transient Protection According to ISO/TR 7637-1 Level 4 (Except Load Dump)
Applications
As an Automotive Failsafe System IC, the ATA6842 is ideal for driver and monitoring
functions in ambitious solutions with increased safety requests such as parking
brakes, power steering, and other applications with DC motor control.
Automotive
Failsafe System
IC
ATA6842
4964B–AUTO–07/07


Similar Part No. - ATA6842-PLSW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
More results

Similar Description - ATA6842-PLSW

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
SYSTEM RESET IC
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
ATMEL Corporation
ATA6814 ATMEL-ATA6814 Datasheet
636Kb / 29P
Automotive Failsafe System IC
logo
New Japan Radio
NJM2103M-TE2 NJRC-NJM2103M-TE2 Datasheet
241Kb / 8P
SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
logo
STMicroelectronics
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
System power IC
2016-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com