Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 4Page - Linear Technology LTC1272-3ACSW Datasheet HTML 5Page - Linear Technology LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology LTC1272-3ACSW Datasheet HTML 10Page - Linear Technology LTC1272-3ACSW Datasheet HTML 11Page - Linear Technology LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC1272
8
1272fb
1272fb
1272fb
S
APPLICATI
I FOR ATIO
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The harmonics are limited to the frequency band
between DC and one half the sampling frequency. THD is
expressed as: 20 LOG [
√V22 + V32 + ... +VN2 /V1] where
V1 is the RMS amplitude of the fundamental frequency and
V2 through VN are the amplitudes of the second through
Nth harmonics.
Clock and Control Synchronization
For best analog performance, the LTC1272 clock should
be synchronized to the CS and RD control inputs as shown
in Figure 5, with at least 40ns separating convert start from
the nearest CLK IN edge. This ensures that transitions at
CLK IN and CLK OUT do not couple to the analog input and
get sampled by the sample-and-hold. The magnitude of
this feedthrough is only a few millivolts, but if CLK and
convert start (CS and RD) are asynchronous, frequency
components caused by mixing the clock and convert
signals may increase the apparent input noise.
When the clock and convert signals are synchronized,
small endpoint errors (offset and full-scale) are the most
that can be generated by clock feedthrough. Even these
errors (which can be trimmed out) can be eliminated by
ensuring that the start of a conversion (CS and RD’s falling
edge) does not occur within 40ns of a clock edge, as in
Signal-to-Noise Ratio
The Signal-to-Noise Ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency to the
RMS amplitude of all other frequency components at the
A/D output. This includes distortion as well as noise
products and for this reason it is sometimes referred to as
Signal-to-Noise + Distortion [S/(N + D)]. The output is
band limited to frequencies from DC to one half the
sampling frequency. Figure 2 shows spectral content from
DC to 125kHz which is 1/2 the 250kHz sampling rate.
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an A/D and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) –1.76]/6.02,
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 250kHz the LTC1272 maintains 11.5 ENOBs or
better to 20kHz. Above 20kHz the ENOBs gradually de-
cline, as shown in Figure 3, due to increasing second
harmonic distortion. The noise floor remains approxi-
mately 90dB. The dynamic differential nonlinearity re-
mains good out to 120kHz as shown in Figure 4.
Figure 4. LTC1272 Dynamic DNL. fCLK = 4MHz,
fS = 250kHz, fIN = 122.25342kHz, VCC = 5V
Figure 3. LTC1272 Effective Number of Bits (ENOBs) vs Input
Frequency. fS = 250kHz
fIN (kHz)
0
0
1
4
6
8
10
12
20
60
80
120
LT1272 • TPC07
40
100
2
3
5
7
9
11
fS = 250kHz
VDD = 5V
CODE (THOUSANDS)
0
–1.0
1.0
14
LTC1272 • TA24
23
0
0
0.5
– 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com