Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology LTC1272-3ACSW Datasheet HTML 10Page - Linear Technology LTC1272-3ACSW Datasheet HTML 11Page - Linear Technology LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology LTC1272-3ACSW Datasheet HTML 13Page - Linear Technology LTC1272-3ACSW Datasheet HTML 14Page - Linear Technology LTC1272-3ACSW Datasheet HTML 15Page - Linear Technology LTC1272-3ACSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC1272
12
1272fb
1272fb
1272fb
S
APPLICATI
I FOR ATIO
LTC1272 • TA14
BUSY
FLIP
FLOP
CLEAR
Q
D
19
21
20
ACTIVE HIGH
ACTIVE HIGH
ENABLE THREE-STATE OUTPUTS
D11....D0/8 = DB11....DB0
ENABLE THREE-STATE OUTPUTS
D11....D8 = DB11....DB8
D7....D4 = LOW
D3/11....D0/8 = DB11....DB8
CONVERSION START
(RISING EDGE TRIGGER)
5V
HBEN
CS
RD
LTC1272
D11....D0/8 ARE THE ADC DATA OUTPUT PINS
DB11....DB0 ARE THE 12-BIT CONVERSION RESULTS
Figure 12. Internal Logic for Control Inputs CS, RD and HBEN
The second is the ROM Mode which does not require
microprocessor Wait states. A Read operation brings CS
and RD low which initiates a conversion and reads the
previous conversion result.
There are two modes of operation as outlined by the timing
diagrams of Figures 13 to 17. Slow Memory Mode is
designed for microprocessors which can be driven into a
Wait state, a Read operation brings CS and RD low which
initiates a conversion and data is read when conversion is
complete.
Table 1. Data Bus Output, CS and RD = Low
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 11
PIN 13
PIN 14
PIN 15
PIN 16
Data Outputs*
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
HBEN = Low
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
HBEN = High
DB11
DB10
DB9
DB8
Low
Low
Low
Low
DB11
DB10
DB9
DB8
Note: *D11 . . . D0/8 are the ADC data output pins
DB11 . . . DB0 are the 12-bit conversion results, DB11 is the MSB
LTC1272 • TA15
CS & RD
BUSY
CLK IN
≥40ns*
t2
t14
tCONV
t13
DB0
(LSB)
DB1
DB10
DB11
(MSB)
UNCERTAIN CONVERSION TIME FOR 30ns
<t
14 < 180ns
THE LTC1272 IS ALSO COMPATIBLE WITH THE AD7572 SYNCHRONIZATION MODES.
SEE “DIGITAL INTERFACE” TEXT.
*
Figure 13. RD and CLK IN for Synchronous Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com