Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology LTC1272-3ACSW Datasheet HTML 10Page - Linear Technology LTC1272-3ACSW Datasheet HTML 11Page - Linear Technology LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology LTC1272-3ACSW Datasheet HTML 13Page - Linear Technology LTC1272-3ACSW Datasheet HTML 14Page - Linear Technology LTC1272-3ACSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1272
1272fb
S
APPLICATI
I FOR ATIO
the foil width for these tracks should be as wide as
possible.
Noise: Input signal leads to AIN and signal return leads
from AGND (pin 3) should be kept as short as possible to
minimize input noise coupling. In applications where this
is not possible, a shielded cable between source and ADC
is recommended. Also, since any potential difference in
grounds between the signal source and ADC appears as an
error voltage in series with the input signal, attention
should be paid to reducing the ground circuit impedances
as much as possible.
In applications where the LTC1272 data outputs and
control signals are connected to a continuously active
microprocessor bus, it is possible to get LSB errors in
conversion results. These errors are due to feedthrough
from the microprocessor to the successive approximation
comparator. The problem can be eliminated by forcing the
microprocessor into a Wait state during conversion (see
Slow Memory Mode interfacing), or by using three-state
buffers to isolate the LTC1272 data bus.
Timing and Control
Conversion start and data read operations are controlled
by three LTC1272 digital inputs; HBEN, CS and RD. Figure
12 shows the logic structure associated with these inputs.
The three signals are internally gated so that a logic “0” is
required on all three inputs to initiate a conversion. Once
initiated it cannot be restarted until conversion is com-
plete. Converter status is indicated by the BUSY output,
and this is low while conversion is in progress.
LTC1272 • TA13
AIN
AGND
VREF
VDD DGND
LTC1272
DIGITAL
SYSTEM
C1
C2
C3
C4
+
–
ANALOG GROUND PLANE
GROUND CONNECTION
TO DIGITAL CIRCUITRY
ANALOG
INPUT
CIRCUITRY
3
2
24
12
1
Figure 11. Power Supply Grounding Practice
Application Hints
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1272 a printed circuit board is
required. Layout for the printed circuit board should
ensure that digital and analog signal lines are separated as
much as possible. In particular, care should be taken not
to run any digital track alongside an analog signal track or
underneath the LTC1272. The analog input should be
screened by AGND.
A single point analog ground separate from the logic
system ground should be established with an analog
ground plane at pin 3 (AGND) or as close as possible to the
LTC1272, as shown in Figure 11. Pin 12 (LTC1272 DGND)
and all other analog grounds should be connected to this
single analog ground point. No other digital grounds
should be connected to this analog ground point. Low
impedance analog and digital power supply common
returns are essential to low noise operation of the ADC and
R3
15
Ω
LTC1272 • TA12
–
+
AIN
AGND
R2
20k
R1
200
Ω
VIN
0V TO 5V
ANALOG
INPUT
A1
LT1007
*ADDITIONAL PINS OMITTED FOR CLARITY
LTC1272
1
3
Figure 10. Unipolar 0V to 5V Operation with Gain Error Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com