Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology LTC1272-3ACSW Datasheet HTML 13Page - Linear Technology LTC1272-3ACSW Datasheet HTML 14Page - Linear Technology LTC1272-3ACSW Datasheet HTML 15Page - Linear Technology LTC1272-3ACSW Datasheet HTML 16Page - Linear Technology LTC1272-3ACSW Datasheet HTML 17Page - Linear Technology LTC1272-3ACSW Datasheet HTML 18Page - Linear Technology LTC1272-3ACSW Datasheet HTML 19Page - Linear Technology LTC1272-3ACSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC1272
18
1272fb
1272fb
1272fb
S
APPLICATI
I FOR ATIO
If the clock signal for the AD7572 is derived from a
separate crystal or other signal which is not synchronous
with the microprocessor clock, then the signals need to be
synchronized for the LTC1272 to achieve best analog
performance (see Clock and Control Synchronization).
The best way to synchronize these signals is to drive the
CLK IN pin of the LTC1272 with a derivative of the
processor clock, as mentioned above and shown in Figure
22. Another way, shown in Figure 23, is to use a flip-flop
to synchronize the RD to the LTC1272 with the CLK IN
signal. This method will work but has two disavantages
over the first: because the RD is delayed by the flip-flop,
the actual conversion start and the enabling of the
LTC1272’s BUSY and data outputs can take up to one CLK
IN cycle to respond to a RD
↓ convert command from the
processor. The sampling of the analog input no longer
occurs at the processor’s falling RD edge but may be
delayed as much as one CLK IN cycle. Although the
LTC1272 will still exhibit excellent DC performance, the
flip-flop will introduce jitter into the sampling which may
reduce the usefulness of this method for AC systems.
10 F
µ
IN
REF
D11 (MSB)
D10
D9
D8
D7
CLK IN**
CLK OUT
HBEN
RD
CS
BUSY
NC
V
LTC1272
D6
D5
D4
DGND
D3/11
D2/10
D1/9
D0/8
A
V
AGND
DD
✝
P
CONTROL
LINES
µ
µ
0.1 F
–15V
P
DATA
BUS
ANALOG INPUT
(0V TO 5V)
10
µF
0.1
µF
THE LTC1272 HAS THE SAME 0V TO 5V INPUT RANGE BUT PROVIDES A 2.42V
REFERENCE OUTPUT AS OPPOSED TO THE –5.25V OF THE AD7572. FOR PROPER
OPERATION, REVERSE THE REFERENCE CAPACITOR POLARITY AND SHORT OUT THE
10
RESISTOR.
Ω
*
THE ADC CLOCK SHOULD BE SYNCHRONIZED TO THE CONVERSION START
SIGNALS (CS, RD) OR 1-2 LSBs OF OUTPUT CODE NOISE MAY OCCUR. DERIVING
THE ADC CLOCK FROM THE P CLOCK IS ADEQUATE.
**
THE LTC1272 CAN ACCOMMODATE THE –15V SUPPLY OF THE AD7572 BUT DOES
NOT REQUIRE IT. PIN 23 OF THE LTC1272 IS NOT INTERNALLY CONNECTED.
LTC1272 • TA04
2.42V
V
OUTPUT
*
REF
10
Ω
10 F
µ
µ
0.1 F
5V
+
µ
✝
µ
*
+
†
Figure 22. Plugging the LTC1272 into an AD7572 Socket
Case 1: Clock Synchronous with CS and RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com