Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1272-3ACSW Datasheet HTML 1Page - Linear Technology LTC1272-3ACSW Datasheet HTML 2Page - Linear Technology LTC1272-3ACSW Datasheet HTML 3Page - Linear Technology LTC1272-3ACSW Datasheet HTML 4Page - Linear Technology LTC1272-3ACSW Datasheet HTML 5Page - Linear Technology LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1272
1272fb
12-Bit, 3
µs, 250kHz
Sampling A/D Converter
■ AD7572 Pinout
■
12-Bit Resolution
■ 3
µs and 8µs Conversion Times
■ On-Chip Sample-and-Hold
■
Up to 250kHz Sample Rates
■ 5V Single Supply Operation
■ No Negative Supply Required
■
On-Chip 25ppm/
°C Reference
■ 75mW (Typ) Power Consumption
■ 24-Pin Narrow DIP and SOL Packages
■
ESD Protected on All Pins
■
High Speed Data Acquisition
■ Digital Signal Processing (DSP)
■ Multiplexed Data Acquisition Systems
■
Single Supply Systems
The LTC1272 is a 3
µs, 12-bit, successive approximation
sampling A/D converter. It has the same pinout as the
industry standard AD7572 and offers faster conversion
time, on-chip sample-and-hold, and single supply opera-
tion. It uses LTBiCMOS
TM switched-capacitor technology to
combine a high speed 12-bit ADC with a fast, accurate
sample-and-hold and a precision reference.
The LTC1272 operates with a single 5V supply but can also
accept the 5V/–15V supplies required by the AD7572 (Pin
23, the negative supply pin of the AD7572, is not connected
on the LTC1272). The LTC1272 has the same 0V to 5V input
range as the AD7572 but, to achieve single supply opera-
tion, it provides a 2.42V reference output instead of the
– 5.25V of the AD7572. It plugs in for the AD7572 if the
reference capacitor polarity is reversed and a 1
µs sample-
and-hold acquisition time is allowed between conversions.
The output data can be read as a 12-bit word or as two
8-bit bytes. This allows easy interface to both 8-bit and
higher processors. The LTC1272 can be used with a
crystal or an external clock and comes in speed grades of
3ms and 8ms.
FREQUENCY (kHz)
0
–140
20
40
60
80
LTC1272 • TA02
–120
–100
–80
–60
–40
–20
0
100
120
S
(N+D)
= 72.1
Single 5V Supply, 3
µs, 12-Bit Sampling ADC
10 F
µ
IN
REF
D11 (MSB)
D10
D9
D8
D7
CLK IN
CLK OUT
HBEN
RD
CS
BUSY
NC
V
LTC1272
D6
D5
D4
DGND
D3/11
D2/10
D1/9
D0/8
A
V
AGND
DD
P
CONTROL
LINES
µ
µ
0.1 F
5V
8 OR 12-BIT
PARALLEL
BUS
ANALOG INPUT
(0V TO 5V)
10
µF
0.1
µF
LTC1272 • TA01
+
+
2.42V
V
OUTPUT
REF
1024 Point FFT, fS = 250kHz, fIN = 10kHz
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
LTBiCMOS is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1272-3ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272-3ACS LINER-LTC1272-3ACS Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
More results

Similar Description - LTC1272-3ACSW

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800_14 Datasheet
906Kb / 21P
12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1272 LINER-LTC1272_15 Datasheet
295Kb / 22P
12-Bit, 3s, 250kHz Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com