Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 2 Page - Linear Technology

  LTC1272-3ACSW Datasheet HTML 1Page - Linear Technology LTC1272-3ACSW Datasheet HTML 2Page - Linear Technology LTC1272-3ACSW Datasheet HTML 3Page - Linear Technology LTC1272-3ACSW Datasheet HTML 4Page - Linear Technology LTC1272-3ACSW Datasheet HTML 5Page - Linear Technology LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1272
2
1272fb
1272fb
1272fb
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VDD) ................................................. 6V
Analog Input Voltage (Note 3) ...................– 0.3V to 15V
Digital Input Voltage .................................. – 0.3V to 12V
Digital Output Voltage .................... – 0.3V to VDD + 0.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1272-XAC, CC ................................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
LTC1272-XA
LTC1272-XC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
12
12
Bits
Integral Linearity Error
(Note 5)
●
±1/2
±1
LSB
Differential Linearity Error
●
±1
±1
LSB
Offset Error
±3
±4
LSB
●
±4
±6
LSB
Gain Error
±10
±15
LSB
Full-Scale Tempco
IOUT (Reference) = 0
●
±5
±25
±10
±45
ppm/
°C
CC
HARA TERISTICS
CO VERTER
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With Internal Reference (Note 4)
CONVERSION
TIME = 8
µs
LTC1272-8ACN
LTC1272-8CCN
LTC1272-8ACSW
LTC1272-8CCSW
CONVERSION
TIME = 3
µs
LTC1272-3ACN
LTC1272-3CCN
LTC1272-3ACSW
LTC1272-3CCSW
SW PACKAGE ONLY
TJMAX = 110°C, θJA = 100°C/W
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
IN
REF
(MSB) D11
D10
D9
D8
D7
CLK IN
CLK OUT
HBEN
RD
CS
BUSY
NC
V
TOP VIEW
16
15
14
13
12
11
10
9
D6
D5
D4
DGND
D3/11
D2/10
D1/9
D0/8
A
V
AGND
DD
N PACKAGE
24-LEAD PDIP
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
IN
REF
(MSB) D11
D10
D9
D8
D7
CLK IN
CLK OUT
HBEN
RD
CS
BUSY
NC
V
TOP VIEW
16
15
14
13
12
11
10
9
D6
D5
D4
DGND
D3/11
D2/10
D1/9
D0/8
A
V
AGND
DD
SW PACKAGE
24-LEAD PLASTIC SO WIDE
TJMAX = 110°C, θJA = 130°C/W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com