Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology LTC1272-3ACSW Datasheet HTML 10Page - Linear Technology LTC1272-3ACSW Datasheet HTML 11Page - Linear Technology LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology LTC1272-3ACSW Datasheet HTML 13Page - Linear Technology LTC1272-3ACSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC1272
10
1272fb
1272fb
1272fb
S
APPLICATI
I FOR ATIO
Figure 7. Operating Waveforms Using an External Clock Source for CLK IN
LTC1272 • TA08
CS & RD
BUSY
CLK IN
50ns TYP
DB0
(LSB)
DB1
DB10
DB11
(MSB)
CLK OUT
LTC1272 • TA10
–
+
CURVATURE
CORRECTED
BANDGAP
REFERENCE
TO DAC
VREF
AGND
5V
LTC1272
0.1
µF
10
µF
2
3
Figure 8. LTC1272 Internal 2.42V Reference
Unipolar Operation
Figure 9 shows the ideal input/output characteristic for the
0V to 5V input range of the LTC1272. The code transitions
occur midway between successive integer LSB values
(i.e., 1/2LSB, 3/2LSBs, 5/2LSBs . . . FS – 3/2LSBs). The
output code is natural binary with 1 LSB = FS/4096 =
(5/4096)V = 1.22mV.
Unipolar Offset and Full-Scale Error Adjustment
In applications where absolute accuracy is important, then
offset and full-scale error can be adjusted to zero. Offset
AIN, INPUT VOLTAGE (IN TERMS OF LSBs)
0
00...000
00...001
00...010
00...011
11...110
11...111
1FS
LT1272 • TA11
23
11...101
LSB
LSBs
LSBs
FS – 1LSB
FS = 5V
1LSB =
FS
––––
4096
FULL-SCALE
TRANSITION
Figure 9. LTC1272 Ideal Input/Output Transfer Characteristic
error must be adjusted before full-scale error. Figure 10
shows the extra components required for full-scale error
adjustment. Zero offset is achieved by adjusting the offset
of the op amp driving AIN (i.e., A1 in Figure 10). For zero
offset error apply 0.61mV (i.e., 1/2LBS) at VIN and adjust
the op amp offset voltage until the ADC output code
flickers between 0000 0000 0000 and 0000 0000 0001.
For zero full-scale error apply an analog input of 4.99817V
(i.e., FS – 3/2LSBs or last code transition) at VIN and adjust
R1 until the ADC output code flickers between 1111 1111
1110 and 1111 1111 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com