Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 37Page - Texas Instruments TLV2770IP Datasheet HTML 38Page - Texas Instruments TLV2770IP Datasheet HTML 39Page - Texas Instruments TLV2770IP Datasheet HTML 40Page - Texas Instruments TLV2770IP Datasheet HTML 41Page - Texas Instruments TLV2770IP Datasheet HTML 42Page - Texas Instruments TLV2770IP Datasheet HTML 43Page - Texas Instruments TLV2770IP Datasheet HTML 44Page - Texas Instruments TLV2770IP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
 Release 8, the model generation
software used with Microsim PSpice
. The Boyle macromodel (see Note 4) and subcircuit in Figure 64 are
generated using the TLV2772 typical electrical and operating characteristics at TA = 25°C. Using this
information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most
cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 4: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
VDD +
rp
IN –
2
IN+
1
GND
rd1
11
j1
j2
10
rss
iss
3
12
rd2
ve
54
de
dp
vc
dc
4
C1
53
r2
6
9
egnd
vb
fb
C2
gcm
ga
vlim
8
5
ro1
ro2
hlim
90
dlp
91
dln
92
vln
vlp
99
7
css
* TLV2772 operational amplifier macromodel subcircuit
* created using Parts release 8.0 on 12/12/97 at 10:08
* Parts is a MicroSim product.
*
* connections: noninverting input
*
| inverting input
*
| | positive power supply
*
| | | negative power supply
*
| | | | output
*
| | | | |
.subckt TLV2772
1 2 3 4 5
*
c1
11
12
2.8868E-12
c2
6
7
10.000E–12
css
10
99
2.6302E–12
dc
5
53
dy
de
54
5
dy
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0
15.513E6 –1E3 1E3 16E6 –16E6
ga
6
0
11 12 188.50E–6
gcm
0
6
10 99 9.4472E–9
iss
3
10
dc
145.50E–6
hlim
90
0
vlim 1K
j1
11
2
10 jx1
j2
12
1
10 jx2
r2
6
9
100.00E3
rd1
4
11
5.3052E3
rd2
4
12
5.3052E3
ro1
8
5
17.140
ro2
7
99
17.140
rp
3
4
4.5455E3
rss
10
99
1.3746E6
vb
9
0
dc 0
vc
3
53
dc .82001
ve
54
4
dc .82001
vlim
7
8
dc 0
vlp
91
0
dc 47
vln
0
92
dc 47
.model
dx
D(Is=800.00E–18)
.model
dy
D(Is=800.00E–18 Rs=1m Cjo=10p)
.model
jx1
PJF(Is=2.2500E–12 Beta=244.20E–6
+ Vto=–.99765)
.model
jx2
PJF(Is=1.7500E–12 Beta=244.20E–6
+ Vto=–1.002350)
.ends
*$
Figure 64. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com