Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 22Page - Texas Instruments TLV2770IP Datasheet HTML 23Page - Texas Instruments TLV2770IP Datasheet HTML 24Page - Texas Instruments TLV2770IP Datasheet HTML 25Page - Texas Instruments TLV2770IP Datasheet HTML 26Page - Texas Instruments TLV2770IP Datasheet HTML 27Page - Texas Instruments TLV2770IP Datasheet HTML 28Page - Texas Instruments TLV2770IP Datasheet HTML 29Page - Texas Instruments TLV2770IP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
120
80
40
0
100
60
20
10
100
1 k
10 k
10 M
f – Frequency – Hz
1 M
100 k
kSVR+
kSVR–
VDD = 5 V
TA = 25°C
Figure 28
SUPPLY CURRENT (PER CHANNEL)
vs
SUPPLY VOLTAGE
1.2
0.8
0.4
0
1
0.6
0.2
2.5
3
3.5
4
VDD – Supply Voltage – V
7
4.5
TA = 0°C
1.6
1.4
5
5.5
6
6.5
TA = 125°C
TA = 85°C
TA = 25°C
TA = – 40°C
Figure 29
SLEW RATE
vs
LOAD CAPACITANCE
1k
CL – Load Capacitance – pF
100
10k
100k
10
VDD = 5 V
AV = –1
TA = 25°C
SR+
12
8
4
0
10
6
2
16
14
SR–
Figure 30
–50
–75
–25
0
75
50
25
100
125
SLEW RATE
vs
FREE-AIR TEMPERATURE
14
12
10
8
13
11
9
TA – Free-Air Temperature – °C
VDD = 2.7 V
RL = 10 kΩ
CL = 100 pF
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com