Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 18Page - Texas Instruments TLV2770IP Datasheet HTML 19Page - Texas Instruments TLV2770IP Datasheet HTML 20Page - Texas Instruments TLV2770IP Datasheet HTML 21Page - Texas Instruments TLV2770IP Datasheet HTML 22Page - Texas Instruments TLV2770IP Datasheet HTML 23Page - Texas Instruments TLV2770IP Datasheet HTML 24Page - Texas Instruments TLV2770IP Datasheet HTML 25Page - Texas Instruments TLV2770IP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
THD = 5%
RL = 600 Ω
TA = 25°C
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
3
2
1
0
2.5
1.5
0.5
100
f – Frequency – kHz
1000
10000
VDD = 5 V
VDD = 2.7 V
5
4
4.5
3.5
Figure 14
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
30
0
–30
–60
24
5
VDD – Supply Voltage – V
3
45
15
–15
–45
6
60
7
VO = VDD /2
VIC = VDD /2
TA = 25°C
VID = –100 mV
VID = 100 mV
Figure 15
VDD = 5 V
VO = 2.5 V
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
60
20
–20
–60
40
0
–40
–75
–50
–25
0
75
TA – Free-Air Temperature – °C
50
25
100
125
VID = –100 mV
VID = 100 mV
Figure 16
RL = 600 Ω
TA = 25°C
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
4
2
0
5
3
1
–1000 –750 –500
–250
500
VID – Differential Input Voltage – µV
250
0
750
1000
VDD = 2.7 V
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com