Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 16Page - Texas Instruments TLV2770IP Datasheet HTML 17Page - Texas Instruments TLV2770IP Datasheet HTML 18Page - Texas Instruments TLV2770IP Datasheet HTML 19Page - Texas Instruments TLV2770IP Datasheet HTML 20Page - Texas Instruments TLV2770IP Datasheet HTML 21Page - Texas Instruments TLV2770IP Datasheet HTML 22Page - Texas Instruments TLV2770IP Datasheet HTML 23Page - Texas Instruments TLV2770IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
αVIO – Temperature Coefficient – µV/°C
–6
30
20
10
0
–30
3
9
12
6
35
25
15
5
VDD = 2.7 V
TA = 25°C to 125°C
DISTRIBUTION OF TLV2772
INPUT OFFSET VOLTAGE
Figure 6
–6
30
20
10
0
–30
3
9
12
αVIO – Temperature Coefficient – µV/°C
6
35
25
15
5
VDD =5 V
TA = 25°C to 125°C
DISTRIBUTION OF TLV2772
INPUT OFFSET VOLTAGE
Figure 7
VDD = 5 V
VIC = 0
VO = 0
RS = 50 Ω
INPUT BIAS AND OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
0.20
0.10
0
0.15
0.05
–75
–50
–25
0
75
TA – Free-Air Temperature – °C
50
25
100
125
IIB
IIO
Figure 8
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3
2
1
0
2.5
1.5
0.5
0
5
10
15
IOH – High-Level Output Current – mA
25
20
VDD = 2.7 V
TA = 125°C
TA = –40°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com