Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 3Page - Texas Instruments TLV2770IP Datasheet HTML 4Page - Texas Instruments TLV2770IP Datasheet HTML 5Page - Texas Instruments TLV2770IP Datasheet HTML 6Page - Texas Instruments TLV2770IP Datasheet HTML 7Page - Texas Instruments TLV2770IP Datasheet HTML 8Page - Texas Instruments TLV2770IP Datasheet HTML 9Page - Texas Instruments TLV2770IP Datasheet HTML 10Page - Texas Instruments TLV2770IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV277xC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO(PP) =0 8V
CL = 100 pF
25
°C
5
9
SR
Slew rate at unity gain
VO(PP) = 0.8 V,
RL = 10 kΩ
CL = 100 pF,
Full
range
4.7
6
V/
µs
V
Equivalent input noise voltage
f = 1 kHz
25
°C
21
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
17
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
25
°C
0.33
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
0.86
µV
In
Equivalent input noise current
f = 100 Hz
25
°C
0.6
fA /
√Hz
R
600
Ω
AV = 1
0.0085%
THD + N
Total harmonic distortion plus noise
RL = 600 Ω,
f=1kHz
AV = 10
25
°C
0.025%
f = 1 kHz
AV = 100
0.12%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 600 Ω,
25
°C
4.8
MHz
t
Settling time
AV = – 1,
Step = 1 V,
0.1%
25
°C
0.186
µs
ts
Settling time
,
RL = 600 Ω,
CL = 100 pF
0.01%
25
°C
0.3
µs
φm
Phase margin at unity gain
RL = 600 Ω
CL = 100 pF
25
°C
46
°
Gain margin
RL = 600 Ω,
CL = 100 pF
25
°C
12
dB
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com