Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 29Page - Texas Instruments TLV2770IP Datasheet HTML 30Page - Texas Instruments TLV2770IP Datasheet HTML 31Page - Texas Instruments TLV2770IP Datasheet HTML 32Page - Texas Instruments TLV2770IP Datasheet HTML 33Page - Texas Instruments TLV2770IP Datasheet HTML 34Page - Texas Instruments TLV2770IP Datasheet HTML 35Page - Texas Instruments TLV2770IP Datasheet HTML 36Page - Texas Instruments TLV2770IP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 54
7
4
2
0
5
3
1
–75
–50
–25
25
TA – Free-Air Temperature – °C
0
50
125
75
6
100
AV = 5
RL = OPEN
SHDN = GND
VDD 5 V
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VDD 2.7 V
Figure 55
TLV2770
SHUTDOWN FORWARD ISOLATION
vs
FREQUENCY
140
20
–20
40
0
f – Frequency – Hz
10
102
103
104
106
SHDN MODE
AV = 1
VDD = 2.7 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
VI(PP) = 2.7 V
105
100
120
80
60
VI(PP) = 0.1 V
Figure 56
TLV2770
SHUTDOWN REVERSE ISOLATION
vs
FREQUENCY
140
20
–20
40
0
f – Frequency – Hz
10
102
103
104
106
SHDN MODE
AV = 1
VDD = 2.7 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
VI(PP) = 2.7 V
105
100
120
80
60
VI(PP) = 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com