Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770IP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770IP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770IP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2770IP Datasheet HTML 20Page - Texas Instruments TLV2770IP Datasheet HTML 21Page - Texas Instruments TLV2770IP Datasheet HTML 22Page - Texas Instruments TLV2770IP Datasheet HTML 23Page - Texas Instruments TLV2770IP Datasheet HTML 24Page - Texas Instruments TLV2770IP Datasheet HTML 25Page - Texas Instruments TLV2770IP Datasheet HTML 26Page - Texas Instruments TLV2770IP Datasheet HTML 27Page - Texas Instruments TLV2770IP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
200
100
0
10
RL – Load Resistance – kΩ
250
150
50
1
100
1000
0.1
TA = 25°C
VDD = 2.7 V
VDD = 5 V
Figure 20
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
1000
10
0.1
100
1
TA – Free-Air Temperature – °C
–75
–50
–25
0
75
50
25
100
125
VDD = 2.7 V
VIC = 1.35 V
VO = 0.6 V to 2.1 V
RL = 1 MΩ
RL = 600 Ω
RL = 10 kΩ
Figure 21
–50
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
1000
10
0.1
100
1
TA – Free-Air Temperature – °C
VDD = 5 V
VIC = 2.5 V
VO = 1 V to 4 V
RL = 1 MΩ
RL = 600 Ω
–75
–25
0
75
50
25
100
125
RL = 10 kΩ
Figure 22
OUTPUT IMPEDANCE
vs
FREQUENCY
100
1
0.01
10
0.10
100
1k
10k
100k
f – Frequency – Hz
1M
AV = 100
AV = 10
AV = 1
VDD = 2.7 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com