Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 14Page - NXP Semiconductors PCF8576C Datasheet HTML 15Page - NXP Semiconductors PCF8576C Datasheet HTML 16Page - NXP Semiconductors PCF8576C Datasheet HTML 17Page - NXP Semiconductors PCF8576C Datasheet HTML 18Page - NXP Semiconductors PCF8576C Datasheet HTML 19Page - NXP Semiconductors PCF8576C Datasheet HTML 20Page - NXP Semiconductors PCF8576C Datasheet HTML 21Page - NXP Semiconductors PCF8576C Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
18 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
The lower clock frequency has the disadvantage of increasing the response time when
large amounts of display data are transmitted on the I2C-bus. When a device is unable to
process a display data byte before the next one arrives, it holds the SCL line LOW until the
first display data byte is stored. This slows down the transmission rate of the I2C-bus but
no data loss occurs.
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display register, the
LCD segment outputs and one column of the display RAM.
7.8 Shift register
The shift register transfers display information from the display RAM to the display register
while previous data is displayed.
7.9 Segment outputs
The LCD drive section includes 40 segment outputs, S0 to S39, which must be connected
directly to the LCD. The segment output signals are generated based on the multiplexed
backplane signals and with data residing in the display register. When less than
40 segment outputs are required, the unused segment outputs should be left open-circuit.
7.10 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated based on the selected LCD drive mode.
In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left as an
open-circuit.
In 1:3 multiplex drive mode: BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
In 1:2 multiplex drive mode: BP0 and BP2, BP1 and BP3 respectively carry the same
signals and can also be paired to increase the drive capabilities.
In static drive mode: the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
7.11 Display RAM
The display RAM is a static 40
× 4-bit RAM which stores LCD data. A logic 1 in the RAM
bitmap indicates the on-state of the corresponding LCD element; similarly, a logic 0
indicates the off-state. There is a direct relationship between the RAM addresses and the
segment outputs, and between the individual bits of a RAM word and the backplane
outputs. The display RAM bit map Figure 12 shows the rows 0 to 3 which correspond with
the backplane outputs BP0 to BP3, and the columns 0 to 39 which correspond with the
segment outputs S0 to S39. In multiplexed LCD applications the segment data of the first,
second, third and fourth row of the display RAM are time-multiplexed with BP0, BP1, BP2
and BP3 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com