Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 4Page - NXP Semiconductors PCF8576C Datasheet HTML 5Page - NXP Semiconductors PCF8576C Datasheet HTML 6Page - NXP Semiconductors PCF8576C Datasheet HTML 7Page - NXP Semiconductors PCF8576C Datasheet HTML 8Page - NXP Semiconductors PCF8576C Datasheet HTML 9Page - NXP Semiconductors PCF8576C Datasheet HTML 10Page - NXP Semiconductors PCF8576C Datasheet HTML 11Page - NXP Semiconductors PCF8576C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
8 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is wired to VDD but should not be electrically connected.
Table 3.
Pin description
Symbol
Pin
Description
PCF8576CH
PCF8576CT
PCF8576CTT
PCF8576CU
SDA
10
11I2C-bus serial data input and output
SCL
11
2
2
I2C-bus serial clock input
SYNC
12
3
3
cascade synchronization input and output
CLK
13
4
4
external clock input/output
VDD
14
5
5[1]
supply voltage
OSC
15
6
6
internal oscillator enable input
A0 to A2
16 to 18
7 to 9
7 to 9
subaddress inputs
SA0
19
10
10
I2C-bus address input; bit 0
VSS
20
11
11
logic ground
VLCD
21
12
12
LCD supply voltage
BP0, BP2,
BP1, BP3
25 to 28
13 to 16
13 to 16
LCD backplane outputs
S0 to S39
2 to 7, 29 to 32,
34 to 47, 49 to 64
17 to 56
17 to 56
LCD segment outputs
n.c.
1, 8, 9, 22 to 24, 33, 48 -
-
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com