Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 29Page - NXP Semiconductors PCF8576C Datasheet HTML 30Page - NXP Semiconductors PCF8576C Datasheet HTML 31Page - NXP Semiconductors PCF8576C Datasheet HTML 32Page - NXP Semiconductors PCF8576C Datasheet HTML 33Page - NXP Semiconductors PCF8576C Datasheet HTML 34Page - NXP Semiconductors PCF8576C Datasheet HTML 35Page - NXP Semiconductors PCF8576C Datasheet HTML 36Page - NXP Semiconductors PCF8576C Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
33 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
[1]
fclk < 125 kHz, I2C-bus maximum transmission speed is derated.
[2]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 20.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Timing characteristics: driver timing waveforms (see Figure 27)
fclk
clock frequency
[1]
normal mode; VDD = 5 V 125
200
315
kHz
power saving mode;
VDD =3 V
21
31
48
kHz
tclk(H)
clock HIGH time
1
-
-
µs
tclk(L)
clock LOW time
1
-
-
µs
tPD(SYNC_N) SYNC propagation delay
-
-
400
ns
tSYNC_NL
SYNC LOW time
1
-
-
µs
tPD(drv)
driver propagation delay
VLCD = VDD − 5 V
-
-
30
µs
Timing characteristics: I2C-bus (see Figure 28)
[2]
tBUF
bus free time between a STOP and START
condition
4.7
-
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
-
µs
tSU;STA
set-up time for a repeated START condition
4.7
-
-
µs
tLOW
LOW period of the SCL clock
4.7
-
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
-
µs
tr
rise time of both SDA and SCL signals
-
-
1
µs
tf
fall time of both SDA and SCL signals
-
-
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tSU;DAT
data set-up time
250
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
4.0
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com