Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 30Page - NXP Semiconductors PCF8576C Datasheet HTML 31Page - NXP Semiconductors PCF8576C Datasheet HTML 32Page - NXP Semiconductors PCF8576C Datasheet HTML 33Page - NXP Semiconductors PCF8576C Datasheet HTML 34Page - NXP Semiconductors PCF8576C Datasheet HTML 35Page - NXP Semiconductors PCF8576C Datasheet HTML 36Page - NXP Semiconductors PCF8576C Datasheet HTML 37Page - NXP Semiconductors PCF8576C Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
34 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
Fig 27. Driver timing waveforms
Fig 28. I2C-bus timing waveforms
mce424
0.7VDD
0.3VDD
0.7VDD
0.3VDD
SYNC
CLK
0.5 V
0.5 V
tPD(drv)
tPD(SYNC_N)
BP0 to BP3,
and S0 to S39
tPD(SYNC_N)
tSYNC_NL
(VDD = 5 V)
1/fCLK
tclk(L)
tclk(H)
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com