Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8576C Datasheet HTML 1Page - NXP Semiconductors PCF8576C Datasheet HTML 2Page - NXP Semiconductors PCF8576C Datasheet HTML 3Page - NXP Semiconductors PCF8576C Datasheet HTML 4Page - NXP Semiconductors PCF8576C Datasheet HTML 5Page - NXP Semiconductors PCF8576C Datasheet HTML 6Page - NXP Semiconductors PCF8576C Datasheet HTML 7Page - NXP Semiconductors PCF8576C Datasheet HTML 8Page - NXP Semiconductors PCF8576C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1.
General description
The PCF8576C is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments and can easily
be cascaded for larger LCD applications. The PCF8576C is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing.
2.
Features
I Single-chip LCD controller and driver
I 40 segment drives:
N Up to twenty 7-segment numeric characters
N Up to ten 14-segment alphanumeric characters
N Any graphics of up to 160 elements
I Versatile blinking modes
I No external components required (even in multiple device applications)
I Selectable backplane drive configuration: static or 2, 3, 4 backplane multiplexing
I Selectable display bias configuration: static, 1⁄2 or 1⁄3
I Internal LCD bias generation with voltage-follower buffers
I 40 × 4-bit RAM for display data storage
I Auto-incremented display data loading across device subaddress boundaries
I Display memory bank switching in static and duplex drive modes
I Wide logic LCD supply range:
N From 2 V for low-threshold LCDs
N Up to 6 V for guest-host LCDs and high-threshold twisted nematic LCDs
I Low power consumption
I May be cascaded for large LCD applications (up to 2560 segments possible)
I Cascadable with 24-segment LCD driver PCF8566
I No external components
I Compatible with chip-on-glass technology
I Separate or combined LCD and logic supplies
I Optimized pinning for plane wiring in both and multiple PCF8576C applications
I Power-saving mode for extremely low power consumption in battery-operated and
telephone applications
PCF8576C
Universal LCD driver for low multiplex rates
Rev. 09 — 9 July 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCF8576C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8576C PHILIPS-PCF8576C Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576C NXP-PCF8576C Datasheet
426Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 10-22 July 2010
PCF8576CH PHILIPS-PCF8576CH Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576CHL-1 NXP-PCF8576CHL-1 Datasheet
426Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 10-22 July 2010
PCF8576CT PHILIPS-PCF8576CT Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
More results

Similar Description - PCF8576C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com