| Electronic Components Datasheet Search |
|
PCF8576CU/2 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576CU/2 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 56 page ![]() PCF8576C_9 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 09 — 9 July 2009 19 of 56 NXP Semiconductors PCF8576C Universal LCD driver for low multiplex rates When display data is transmitted to the PCF8576C, the display bytes received are stored in the display RAM in accordance with the selected LCD drive mode. The data is stored as it arrives and does not wait for an acknowledge cycle as with the commands. Depending on the current multiplex drive mode, data is stored singularly, in pairs, triplets or quadruplets. To illustrate the filling order, an example of a 7-segment numeric display showing all drive modes is given in Figure 13; the RAM filling organization depicted applies equally to other LCD types. The following applies to Figure 13: • In the static drive mode, the eight transmitted data bits are placed in row 0 of eight successive 4-bit RAM words. • In the 1:2 multiplex mode, the eight transmitted data bits are placed in pairs into row 0 and 1 of four successive 4-bit RAM words. • In the 1:3 multiplex mode, the eight bits are placed in triples into row 0, 1 and 2 to three successive 4-bit RAM words, with bit 3 of the third address left unchanged. It is not recommended to use this bit in a display because of the difficult addressing. This last bit may, if necessary, be controlled by an additional transfer to this address but care should be taken to avoid overwriting adjacent data because always full bytes are transmitted. • In the 1:4 multiplex mode, the eight transmitted data bits are placed in quadruples into row 0, 1, 2 and 3 of two successive 4-bit RAM words. Display RAM bit map showing direct relationship between RAM addresses and segment outputs; also between bits in a RAM word and the backplane outputs. Fig 12. Display RAM bit map 0 0 1 2 3 1234 35 36 37 38 39 display RAM addresses (columns)/segment outputs (S) display RAM bits (rows)/ backplane outputs (BP) mbe525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |