Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576CU/2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8576CU/2
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
23 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
8.
Basic architecture
8.1 Characteristics of the I2C-bus
The I2C-bus provides bidirectional, two-line communication between different IC or
modules. The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). When
connected to the output stages of a device, both lines must be connected to a positive
supply via a pull-up resistor. Data transfer is initiated only when the bus is not busy.
8.1.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse. Changes in the data line at this time will
be interpreted as a control signal. Bit transfer is illustrated in Figure 14.
8.1.1.1
START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW change
of the data line, while the clock is HIGH, is defined as the START condition (S).
A LOW-to-HIGH change of the data line, while the clock is HIGH, is defined as the STOP
condition (P). The START and STOP conditions are illustrated in Figure 15.
8.1.2 System configuration
A device generating a message is a transmitter and a device receiving a message is the
receiver. The device that controls the message is the master and the devices which are
controlled by the master are the slaves. The system configuration is illustrated in
Figure 16.
Fig 14. Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 15. Definition of START and STOP conditions
mbc622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com