Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 4Page - Linear Technology LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology LTC4100_09 Datasheet HTML 10Page - Linear Technology LTC4100_09 Datasheet HTML 11Page - Linear Technology LTC4100_09 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC4100
8
4100fb
PIN FUNCTIONS
ILIM(Pin13):Anexternalresistorisconnectedbetweenthis
pin and GND. The value of the external resistor programs
the range and resolution of the programmed charger cur-
rent. This is a digital, not an analog, function.
VLIM (Pin 14): An external resistor is connected between
this pin and GND. The value of the external resistor pro-
grams the range and resolution of the charging voltage.
This is a digital, not an analog, function.
THB (Pin 15): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB and
SafetySignal is 1nF (see Figure 4). A series resistor 54.9k
needs to be connected between this pin and the battery’s
SafetySignal for this circuit to work correctly.
THA (Pin 16): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
1130Ω needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
VDD (Pin 17): Power Supply Input for the LTC4100 Digital
Circuitry. Bypass this pin with 0.1μF. Typically between
3.3V and 5VDC.
VSET (Pin 18): Tap Point of the Programmable Resistor
Divider, which Provides Battery Voltage Feedback to the
Charger.
ITH (Pin 19): Control Signal of the Inner Loop of the Current
Mode PWM. Higher ITH corresponds to higher charging
current in normal operation. A 0.0015μF capacitor to GND
filters out PWM ripple. Typical full-scale output current is
40μA. Nominal voltage range for this pin is 0V to 3V.
IDC (Pin 20): Bypass to GND with a 0.068μF Capacitor.
CSP (Pin 21): Current Amplifier CA1 Input. This pin
and the BAT pin measure the voltage across the sense
resistor, RSENSE, to provide the instantaneous current
signals required for both peak and average current mode
operation.
BAT (Pin 22): Battery Sense Input and the Negative Refer-
ence for the Current Sense Resistor. A bypass capacitor
of at least 10μF is required.
CLN (Pin 23): Negative Input to the Input Current Limiting
Circuit Block. If no current limit function is desired, connect
this pin to CLP. The threshold is set at 100mV below the
voltage at the CLP pin. When used to limit supply current,
a filter is needed to filter out the switching noise.
CLP (Pin 24): Positive Input to the Input Current Limiting
Circuit Block. This pin also serves as a power supply for
the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com