Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 20Page - Linear Technology LTC4100_09 Datasheet HTML 21Page - Linear Technology LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology LTC4100_09 Datasheet HTML 24Page - Linear Technology LTC4100_09 Datasheet HTML 25Page - Linear Technology LTC4100_09 Datasheet HTML 26Page - Linear Technology LTC4100_09 Datasheet HTML 27Page - Linear Technology LTC4100_09 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC4100
24
4100fb
b) ITHRM current is due to SafetySignal (thermistor pin)
sampling that will vary with the presence of DC power
being on or off. DCDIV is detected every 32ms. RTHX
is the value of the safety signal resistance, which will
vary with temperature or battery configuration.
b1)ITHRM(ON) when DC is on:
ITHRM(ON)_OVERRANGE = 1/16 • VDD/(54.9k + RTHX)
where RTHX > 100k
ITHRM(ON)_COLD = 1/8 • VDD/(54.9k + RTHX) where
RTHX > 30k
ITHRM(ON)_NORMAL = 1/8 • VDD/(54.9k + RTHX)
+ 1/16 • VDD/(1.13k + RTHX)
ITHRM(ON)_HOT* = 1/8 • VDD/(54.9k + RTHX)
+ 1/8 • VDD/(1.13k + RTHX)
where RTHX < 3k
*= includes underrange
b2)ITHRM(OFF) when DC is off, the thermistor monitoring
rate is reduced to every 250ms or less.
ITHRM(OFF)_OVERRANGE = 1/50 • VDD/(54.9k + RTHX)
where RTHX > 100K
ITHRM(OFF)_COLD = 1/50 • VDD/(54.9k + RTHX)
+ 1/1000 • VDD/(54.9k + RTHX)
where RTHX > 30K
ITHRM(OFF)_NORMAL = 1/50 • VDD/(54.9k + RTHX) +
1/500 • VDD/(54.9k + RTHX) + 1/1000 • VDD/(1.13k
+ RTHX)
ITHRM(OFF)_HOT* = 1/50 • VDD/(54.9k + RTHX) +
1/500 • VDD/(54.9k + RTHX) + 1/500 • VDD/(1.13k +
RTHX)
where RTHX < 3k
* includes underrange
APPLICATIONS INFORMATION
c) IACCEL is the current used by the SMBus accelerators.
This directly depends on the SMBus frequency, duty
cycle of messages sent on the SMBus and how long
it takes to drive the SMBus to VDD.
IACCEL = IPULL-UP • 2 • SMBus Frequency •
Message Duty Cycle •VDD/2.25V• Rise Time
Complete Examples
1) Battery thermistor = 400Ω, VDD = 5.0V
Battery mode (DC is off), SMBus activity is 10kHz
and a 2% SMBus duty cycle, which represents a
suspended or sleep condition of a notebook.
ITOTAL= IRUN + ITHRM(OFF) + IACCEL = 121.9μA
+ 5.26μA + 2.44μA = 130μA
Battery mode and a 10% SMBus duty cycle, which
represents an active notebook at idle.
ITOTAL= IRUN + ITHRM(OFF) + IACCEL = 189.5μA
+ 5.26μA + 12.2μA = 207μA
DCIN = ON and a 20% SMBus duty cycle which
represents an active notebook charging.
ITOTAL= IRUN + ITHRM(ON) + IACCEL = 274μA
+ 215.6μA + 24.4μA = 514μA
2) Battery thermistor = 10kΩ, VDD = 5.0V
Battery mode (DC is off), SMBus activity is 10kHz
and a 2% SMBus duty cycle:
ITOTAL= IRUN + ITHRM(OFF) + IACCEL = 121.9μA
+ 2.14μA + 2.44μA = 126μA
Battery mode and a 10% SMBus duty cycle:
ITOTAL= IRUN + ITHRM(OFF) + IACCEL = 189.5μA
+ 2.14μA + 12.2μA = 204μA
DCIN = ON and a 20% SMBus duty cycle:
ITOTAL= IRUN + ITHRM(OFF) + IACCEL = 274μA
+ 37.7μA + 24.4μA = 336μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com