Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 15Page - Linear Technology LTC4100_09 Datasheet HTML 16Page - Linear Technology LTC4100_09 Datasheet HTML 17Page - Linear Technology LTC4100_09 Datasheet HTML 18Page - Linear Technology LTC4100_09 Datasheet HTML 19Page - Linear Technology LTC4100_09 Datasheet HTML 20Page - Linear Technology LTC4100_09 Datasheet HTML 21Page - Linear Technology LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTC4100
19
4100fb
OPERATION
The ILIM Decoder Block
The value of an external resistor connected from this pin
to GND determines one of four current limits that are used
for maximum charging current value. These limits provide
a measure of safety with a hardware restriction on charging
current which cannot be overridden by software.
Table 6. ILIM Trip Points and Ranges
EXTERNAL
RESISTOR
(RILIM)ILIM VOLTAGE
CONTROLLED
CHARGING
CURRENT RANGE
GRANULARITY
Short to GND
VILIM < 0.09VDD
0 < I < 1023mA
1mA
10k ±1%
0.17VVDD <
VILIM < 0.34VVDD
0 < I < 2046mA
2mA
33k ±1%
0.42VVDD <
VILIM < 0.59V
0 < I < 3068mA
4mA
Open (>250k,
or Short to VDD)
0.66VVDD <
VILIM
0 < I < 4092mA
4mA
The VLIM Decoder Block
The value of an external resistor connected from this pin
to GND determines one of five voltage limits that are ap-
plied to the charger output value. These limits provide a
measure of safety with a hardware restriction on charging
voltage which cannot be overridden by software.
Table 7. VLIM Trip Points and Ranges (See Figure 5)
EXTERNAL
RESISTOR
(RVLIM)VLIM VOLTAGE
CONTROLLED
CHARGING VOLTAGE
(VOUT) RANGE
GRANULARITY
Short to
GND
VVLIM < 0.09VVCCP
2900mV < VOUT
< 8800mV
16mV
10k ±1%
0.17VVDD < VVLIM
< 0.34VVDD
2900mV < VOUT
< 13104mV
16mV
33k ±1%
0.42VVCCP < VVLIM
< 0.59VVDD
2900mV < VOUT
< 17408mV
16mV
100k ±1%
0.66VVDD < VVLIM
< 0.84VVDD
2900mV < VOUT
< 21712mV
16mV
Open or
Tied to VDD
0.91VVDD < VVLIM
2900mV < VOUT
< 28000mV
16mV
The Voltage DAC Block
Note that the charger output voltage is offset by VREF.
Therefore, the value of VREF is subtracted from the SMBus
ChargingVoltage() value in order for the output voltage to
be programmed properly (without offset). If the Charging-
Voltage() value is below the nominal reference voltage of
the charger, nominally 1.184V, the charger output voltage
is programmed to zero. In addition, if the ChargingVolt-
age() value is above the limit set by the VLIM pin, then the
charger output voltage is set to the value determined by
the VLIM resistor and the VOLTAGE_OR bit is set. These
limits are demonstrated in Figure 6.
PROGRAMMED VALUE (V)
0
25
20
15
10
5
0
10
20
25
4100 F06
5
15
30
35
RVLIM = 33k
Figure 6. Transfer Function of Charger
NOTE: THE LTC4100 CAN BE PROGRAMMED WITH ChargingVoltage() FUNCTION VALUES
BETWEEN 1.184V AND 2.9V, HOWEVER, THE BATTERY CHARGER CONTROLLER OUTPUT
VOLTAGE MAY BE ZERO WITH PROGRAMMED VALUES BELOW 2.9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com