Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 13Page - Linear Technology LTC4100_09 Datasheet HTML 14Page - Linear Technology LTC4100_09 Datasheet HTML 15Page - Linear Technology LTC4100_09 Datasheet HTML 16Page - Linear Technology LTC4100_09 Datasheet HTML 17Page - Linear Technology LTC4100_09 Datasheet HTML 18Page - Linear Technology LTC4100_09 Datasheet HTML 19Page - Linear Technology LTC4100_09 Datasheet HTML 20Page - Linear Technology LTC4100_09 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC4100
17
4100fb
OPERATION
9. There is insufficient DCIN voltage to charge the battery.
The LTC4100 will resume wake-up charging when there
is sufficient DCIN voltage to charge the battery. This
condition will not reset the TTIMEOUT timer.
Controlled Charging Algorithm Overview
The following conditions must be met in order to allow
controlled charging to start on the LTC4100:
1. The ChargingVoltage() AND ChargingCurrent() function
must be written to non-zero values.
2. The SafetySignal must be RES_COLD, RES_IDEAL, or
RES_UR.
3. AC must be present. This is qualified by DCDIV >
VACP.
The following conditions will stop the controlled charging
algorithm and will cause the battery charger controller to
stop charging:
1. TheChargingCurrent()ANDChargingVoltage()functions
have not been written for TTIMEOUT.
2. The SafetySignal is registering RES_OR.
3. The SafetySignal is registering RES_HOT.
4. The AC power is no longer present. (DCDIV < VACP)
5. ALARM_INHIBITED is set in the ChargerStatus()
function.
6. INHIBIT_CHARGE is set in the ChargerMode() function.
Clearing INHIBIT_CHARGE will cause the LTC4100 to
resume charging using the previous ChargingVoltage()
AND ChargingCurrent() function values.
7. RESET_TO_ZERO is set in the ChargerMode() function.
8. CHGEN pin is pulled low by an external device. The
LTC4100 will resume charging using the previous
ChargingVoltage() AND ChargingCurrent() function
values, if the CHGEN pin is released by the external
device.
9. Insufficient DCIN voltage to charge the battery. The
LTC4100 will resume charging using the previous
ChargingVoltage() AND ChargingCurrent() function
values, when there is sufficient DCIN voltage to charge
the battery.
10. Writing a zero value to ChargingVoltage() function.
11. Writing a zero value to ChargingCurrent() function.
The SafetySignal Decoder Block
This block measures the resistance of the SafetySignal and
features high noise immunity at critical trip points. The low
power standby mode supports only battery presence SMB
charger reporting requirements when AC is not present.
The SafetySignal decoder is shown in Figure 4. The value
of RTHA is 1.13k and RTHB is 54.9k.
Figure 4. SafetySignal Decoder Block
RTHA
1.13k
RSafetySignal
RTHB
54.9k
VDD
VDD
4100 F04
THA_SELB
THB_SELB
RES_OR
RES_COLD
RES_H0T
RES_UR
LATCH
SafetySignal
CONTROL
MUX
REF
HI_REF
LO_REF
TH_HI
TH_LO
THA
THB
CSS
16
15
Figure 5. Simplified VLIM Circuit Concept (ILIM is Similar)
VLIM
12.5k
25k
33k
25k
25k
12.5k
RVLIM
VDD
VLIM [3:0]
4100 F05
AC_PRESENT
4
ENCODER
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com