Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology LTC4100_09 Datasheet HTML 24Page - Linear Technology LTC4100_09 Datasheet HTML 25Page - Linear Technology LTC4100_09 Datasheet HTML 26Page - Linear Technology LTC4100_09 Datasheet HTML 27Page - Linear Technology LTC4100_09 Datasheet HTML 28Page - Linear Technology LTC4100_09 Datasheet HTML 29Page - Linear Technology LTC4100_09 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTC4100
26
4100fb
APPLICATIONS INFORMATION
CONNECTOR
TO BATTERY
TO SYSTEM
4100 F10
VDD
Figure 10. Recommended SMBus Transient Protection
4100 F11
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
C2
C4
D1
VIAS TO CSP AND BAT
4100 F12
DIRECTION OF CHARGING CURRENT
RSENSE
Figure 11. High Speed Switching Path
Figure 12. Kelvin Sensing of Charging Current
Protecting SMBus Inputs
The SMBus inputs, SCL and SDA, are exposed to uncon-
trolled transient signals whenever a battery is connected
to the system. If the battery contains a static charge, the
SMBus inputs are subjected to transients which can cause
damage after repeated exposure. Also, if the battery’s posi-
tive terminal makes contact to the connector before the
negative terminal, the SMBus inputs can be forced below
ground with the full battery potential, causing a potential
for latch-up in any of the devices connected to the SMBus
inputs. Therefore it is good design practice to protect the
SMBus inputs as shown in Figure 10.
SafetySignal (Thermistor) Value
The SafetySignal (typical application on back page), is a
multifunction signal the communicates three pieces of
information in order of importance:
1) Presence of the Smart Battery
2) The maximum time duration of the wake-up charge
allowed.
3) An optional and redundant temperature measurement
system.
The value of the resistance to ground communicates all
this information. The resistance ranges and what it does
is covered by the SBS Smart Battery Charger standard in
Section 6. Basically if you have a battery chemistry, such
as Li-ion, that cannot safely withstand an infinite dura-
tion wake-up charge, the SafetySignal resistance value
needs to be less than 425Ω. The popular value to use is
a fixed 300Ω resistor. Otherwise the resistance value is
10k which is normally expected to be done using a 10k
NTC resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com