Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 18Page - Linear Technology LTC4100_09 Datasheet HTML 19Page - Linear Technology LTC4100_09 Datasheet HTML 20Page - Linear Technology LTC4100_09 Datasheet HTML 21Page - Linear Technology LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology LTC4100_09 Datasheet HTML 24Page - Linear Technology LTC4100_09 Datasheet HTML 25Page - Linear Technology LTC4100_09 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC4100
22
4100fb
APPLICATIONS INFORMATION
IMAX is the full-scale charge current. Chose the lowest
IMAX value that is still above your expected battery charge
current as requested over the SMBus. If you deviate
from the resistance values shown in Table 9, it will lead
to charge current gain errors. The requested current and
the actual charge current applied to the battery will not
be the same.
Table 9. Recommended Resistor Values
IMAX (A)
RSENSE (Ω) 1%
RSENSE (W)
RILIM (Ω) 1%
1.023
0.100
0.25
0
2.046
0.05
0.25
10k
3.068
0.025
0.5
33k
4.092
0.025
0.5
Open
Warning
DO NOT CHANGE THE VALUE OF RILIM DURING OPERA-
TION. The value must remain fixed and track the RSENSE
value at all times. Changing the current setting can result
in currents that greatly exceed the requested value and
potentially damage the battery or overload the wall adapter
if no input current limiting is provided.
Inductor Selection
Higher operating frequencies allow the use of smaller
inductor and capacitor values. A higher frequency gener-
ally results in lower efficiency because of MOSFET gate
charge losses. In addition, the effect of inductor value
on ripple current and low current operation must also be
considered. The inductor ripple current
ΔILdecreaseswith
higher frequency and increases with higher VIN.
ΔI
fL
V
V
V
L
OUT
OUT
IN
= ()( )
−
⎛
⎝⎜
⎞
⎠⎟
1
1
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
ΔIL = 0.4(IMAX). Remember the
maximum
ΔIL occurs at the maximum input voltage. The
inductor value also has an effect on low current operation.
The transition to low current operation begins when the
inductor current reaches zero while the bottom MOSFET
is on. Lower inductor values (higher
ΔIL) will cause this
to occur at higher load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
practice 10μH is the lowest value recommended for use.
Table 10. Recommended Inductor Values
Maximum Average
Current (A)
Input Voltage (V)
Minimum Inductor Value
(μH)
1
≤20
40 ± 20%
1
>20
56 ± 20%
2
≤20
20 ± 20%
2
>20
30 ± 20%
3
≤20
15 ± 20%
3
>20
20 ± 20%
4
≤20
10 ± 20%
4
>20
15 ± 20%
Charger Switching Power MOSFET
and Diode Selection
Two external power MOSFETs must be selected for use
with the charger: a P-channel MOSFET for the top (main)
switch and an N-channel MOSFET for the bottom (syn-
chronous) switch.
The peak-to-peak gate drive levels are set internally. This
voltage is typically 6V. Consequently, logic-level threshold
MOSFETs must be used. Pay close attention to the BVDSS
specification for the MOSFETs as well; many of the logic
level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the
on-resistance RDS(ON), total gate capacitance QG, reverse
transfer capacitance CRSS, input voltage and maximum
output current. The charger is operating in continuous
mode so the duty cycles for the top and bottom MOSFETs
are given by:
Main Switch Duty Cycle = VOUT/VIN
Synchronous Switch Duty Cycle = (VIN – VOUT)/VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com