Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 72 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 72 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
72
______________________________________________________________________________________
0
1
2
I2THR
I1THR
PA2
I2
I1
I0
PA1
PA0
INPUT CURRENT
Figure 16. Phase Offset vs. Input Current Calibration
setting this register to 0x4000. Read the A.IRMS regis-
ter (0x1CC). Note the value. Convert the known value to
meter units by multiplying the known value (in amperes)
by 224 and dividing by IFS. Divide the results of this cal-
culation by the value read from the MAXQ3183. The
result should be a value between 0 and 2. Convert the
integer by multiplying 214, and ensure MSB is zero. The
result is the gain value to be programmed into
A.GAIN_LO.
Calibrating Power/Energy Gain
Once voltage and current have been calibrated, the
energy and power calculation automatically reflects the
calibrated voltage and current. However the energy
gain factor (X.E_GAIN, X = A/B/C) can be further tuned
to achieve even more accurate power and energy
result if necessary. For example, if the voltage and cur-
rent calibration sources are not as accurate as the
power/energy calibration source, then the additional
gain calibration may be necessary. The following pro-
cedure for power/energy gain calibration is outlined for
phase A.
• Apply a precision unity power factor power (applied
value) that is close to the desired normal operating
point.
• Read the PWRP.A register. Note the value.
• Convert the applied value to meter units by dividing it
by MU_PWR.
• Divide the applied value (in meter unit) by the value
read from the MAXQ3183. The result should be a
value between 0 and 2. If the value falls outside of
this range, IFS and/or VFS have probably been mis-
calculated.
• Multiply the calculated value by 214, and ensure the
MSB is zero. The result is the gain value to be pro-
grammed into A.E_GAIN.
• When the gain value is programmed, wait for 1 to 2
seconds, then reread the power value from PWRP.A.
Check that the measured value is correct by compar-
ing PWRP.A against the applied power in meter unit.
Multipoint Phase Offset Calibration
To perform the calibration at three current levels, note
the raw current value (X.IRMS) at each point. Label the
current values, from highest to lowest, I0, I1, and I2.
Program X.PA0, X.PA1, and X.PA2 with the phase offset
values calculated at I0, I1, and I2, respectively, as
described in the
Calibrating Phase Offset section.
Finally, program I1THR with the average of I0 and I1,
and program I2THR with the geometric average of I1
and I2. Now as the current changes the phase offset is
adjusted accordingly. See Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com