Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 93 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 93 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 89Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 90Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 91Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 92Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 96Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 97Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
93
Energy Accumulated in the Last DSP Cycle
Real Energy, Phase X = A/B/C (X.ACT) (A: 0x1D0, B: 0x2BC, C: 0x3A8)
This signed register provides the raw real energy accumulated over the most recent DSP cycle. For each ADC sam-
ple period, the real instantaneous power calculated from the instantaneous voltage and current is accumulated. At
the end of each DSP cycle, the result of the accumulation over the DSP cycle is copied to this register and is accu-
mulated in X.EAPOS or X.EANEG, depending on the sign of the accumulated energy.
LSB of the energy registers is VFS x IFS x tFR/216.
Reactive Energy, Phase X = A/B/C (X.REA) (A: 0x1D4, B: 0x2C0, C: 0x3AC)
This signed register provides the raw reactive energy accumulated over the most recent DSP cycle. For each ADC
sample period, the reactive instantaneous power calculated from the instantaneous voltage and current is accumu-
lated. At the end of each DSP cycle, the result of the accumulation over the DSP cycle is copied to this register and
is accumulated in X.ERPOS or X.ERNEG, depending on the sign of the accumulated energy.
Bit:
31
30
29
28
27
26
25
24
Name:
Real Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Real Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Real Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Real Energy Byte 0
Bit:
31
30
29
28
27
26
25
24
Name:
Reactive Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Reactive Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Reactive Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Reactive Energy Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com