Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
49
Energy Units Conversion Coefficient (ENR_CC) (0x01A)
This register contains the value by which the raw accumulated energy value in each phase is multiplied before being
presented to the virtual energy registers. The table below lists the raw energy accumulators and the corresponding
virtual registers.
Bit:
15
14
13
12
11
10
9
8
Name:
Energy Units Conversion Coefficient High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Energy Units Conversion Coefficient Low Byte
Reset:
0x01
DESCRIPTION
RAW
VIRTUAL
Real energy, phase A, positive direction
A.EAPOS
Real energy, phase A, reverse direction
A.EANEG
ENRP.A*
Real energy, phase B, positive direction
B.EAPOS
Real energy, phase B, reverse direction
B.EANEG
ENRP.B*
Real energy, phase C, positive direction
C.EAPOS
Real energy, phase C, reverse direction
C.EANEG
ENRP.C*
Real energy, total
—
ENRP.T
Reactive energy, phase A, positive direction
A.ERPOS
Reactive energy, phase A, reverse direction
A.ERNEG
ENRQ.A*
Reactive energy, phase B, positive direction
B.ERPOS
Reactive energy, phase B, reverse direction
B.ERNEG
ENRQ.B*
Reactive energy, phase C, positive direction
C.ERPOS
Reactive energy, phase C, reverse direction
C.ERNEG
ENRQ.C*
Reactive energy, total
—
ENRQ.T
Apparent energy, phase A
A.ES
ENRS.A
Apparent energy, phase B
B.ES
ENRS.B
Apparent energy, phase C
C.ES
ENRS.C
Apparent energy, total
—
ENRS.T
Real energy, phase A, positive direction, fundamental only
A.EAFPOS
Real energy, phase A, reverse direction, fundamental only
A.EAFNEG
ENRPF.A*
Real energy, phase B, positive direction, fundamental only
B.EAFPOS
Real energy, phase B, reverse direction, fundamental only
B.EAFNEG
ENRPF.B*
Real energy, phase C, positive direction, fundamental only
C.EAFPOS
Real energy, phase C, reverse direction, fundamental only
C.EAFNEG
ENRPF.C*
Real energy, total, fundamental only
—
ENRPF.T
Reactive energy, phase A, positive direction, fundamental only
A.ERFPOS
Reactive energy, phase A, reverse direction, fundamental only
A.ERFNEG
ENRQF.A*
Reactive energy, phase B, positive direction, fundamental only
B.ERFPOS
Reactive energy, phase B, reverse direction, fundamental only
B.ERFNEG
ENRQF.B*
*
These registers represent the algebraic sum of the positive and reverse energy in the two “raw” registers noted. Thus, the energy
returned in these virtual registers represents the net energy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com